Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473ISLSQTP Datasheet(PDF) 41 Page - Microchip Technology

Part # HCS473ISLSQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473ISLSQTP Datasheet(HTML) 41 Page - Microchip Technology

Back Button HCS473ISLSQTP Datasheet HTML 37Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 38Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 39Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 40Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 41Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 42Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 43Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 44Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 39
HCS473
5.0
INTEGRATING THE HCS473
INTO A SYSTEM
Use of the HCS473 in a system requires a compatible
decoder. This decoder is typically a microcontroller with
a low frequency coil antenna and radio frequency
receiver. Example firmware routines that accept and
decrypt K
EELOQ transmissions can be found in Applica-
tion Notes and the K
EELOQ license disk.
5.1
Training the Receiver
In order for a transmitter to be used with a decoder, the
transmitter must first be ‘learned’. When a decoder
learns a transmitter, it is suggested that the decoder
stores the serial number and current synchronization
value in EEPROM. Some learning strategies have
been patented and care must be taken not to infringe
on them. The decoder must keep track of these values
for every transmitter that is learned (see Figure 5-1).
The maximum number of transmitters that can be
learned is limited only by the available EEPROM
memory. The decoder must also store the manufac-
turer’s code in order to learn a transmitter. This value
will not change in a typical system, so it is usually
stored as part of the microcontroller ROM code. Storing
the manufacturer’s code as part of the ROM code
improves security by keeping it off the external bus to
the EEPROM.
FIGURE 5-1:
TYPICAL LEARN
SEQUENCE
5.2
Decoder Operation
In a typical decoder operation (Figure 5-2), the key
generation on the decoder side is performed by taking
the serial number from a transmission and combining
that with the manufacturer’s code to create the same
secret key that was used by the transmitter. Once the
secret key is obtained, the rest of the transmission can
be decrypted. The decoder waits for a transmission
and immediately can check the serial number to
determine if it is a learned transmitter. If it is, the
encrypted portion of the transmission is decrypted
using the stored key. It uses the discrimination bits to
determine if the decryption was valid. If everything up
to this point is valid, the synchronization value
is evaluated.
Enter Learn
Mode
Wait for Reception
of a Valid Code & Seed
Generate Key
Use Generated Key
to Decrypt
Compare Discrimination
Value with Fixed Value
Equal
Wait for Reception
of Second Valid Code
Counters
Sequential
?
?
Exit
Learn
Unsuccessful
No
No
Yes
Yes
(Optional)
Learn Successful Store:
Serial Number
Encoder Key
Synchronization Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com