Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3551-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3551-E/MS Datasheet HTML 7Page - Microchip Technology MCP3551-E/MS Datasheet HTML 8Page - Microchip Technology MCP3551-E/MS Datasheet HTML 9Page - Microchip Technology MCP3551-E/MS Datasheet HTML 10Page - Microchip Technology MCP3551-E/MS Datasheet HTML 11Page - Microchip Technology MCP3551-E/MS Datasheet HTML 12Page - Microchip Technology MCP3551-E/MS Datasheet HTML 13Page - Microchip Technology MCP3551-E/MS Datasheet HTML 14Page - Microchip Technology MCP3551-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21950B-page 11
MCP3551/3
3.0
PIN DESCRIPTIONS
TABLE 3-1:
PIN FUNCTION TABLES
3.1
Voltage Reference (VREF)
The MCP3551/3 devices accept single-ended refer-
ence voltages from 0.1V to VDD. Since the converter
output noise is dominated by thermal noise, which is
independent of the reference voltage, the output noise
is not significantly improved by diminishing the refer-
ence voltage at the VREF input pin. A reduced voltage
reference will significantly improve the INL perfor-
mance (see Figure 2-4); the INL max error is propor-
tional to VREF
2.
3.2
Analog Inputs (VIN+, VIN-)
The MCP3551/3 devices accept a fully differential ana-
log input voltage to be connected on the VIN+ and VIN-
input pins. The differential voltage that is converted is
defined by VIN = VIN+ - VIN-. The differential voltage
range specified for ensured accuracy is from -VREF to
+VREF. However, the converter will still output valid and
usable codes with the inputs overranged by up to 12%
(see
Section 5.0
“Serial
Interface”)
at
room
temperature. This overrange is clearly specified by two
overload bits in the output code.
The absolute voltage range on these input pins extends
from VSS - 0.3V to VDD + 0.3V. Any voltage above or
below this range will create leakage currents through
the Electrostatic Discharge (ESD) diodes. This current
will increase exponentially, degrading the accuracy and
noise performance of the device. The common mode of
the analog inputs should be chosen such that both the
differential analog input range and the absolute voltage
range on each pin are within the specified operating
range defined in Section 1.0 “Electrical Characteris-
tics”.
3.3
Supply Voltage (VDD, VSS)
VDD is the power supply pin for the analog and digital
circuitry within the MCP3551/3. This pin requires an
appropriate bypass capacitor of 0.1 µF. The voltage on
this pin should be maintained in the 2.7V to 5.5V range
for specified operation. VSS is the ground pin and the
current return path for both analog and digital circuitry
of the MCP3551/3. If an analog ground plane is
available, it is recommended that this device be tied to
the analog ground plane of the Printed Circuit Board
(PCB).
3.4
Serial Clock (SCK)
SCK synchronizes data communication with the
device. The device operates in both SPI™ mode 1,1
and SPI mode 0,0. Data is shifted out of the device on
the falling edge of SCK. Data is latched in on the rising
edge of SCK. During CS high times, the SCK pin can
idle either high or low.
3.5
Data Output (SDO/RDY)
SDO/RDY is the output data pin for the device. Once a
conversion is complete, this pin will go active-low,
acting as a ready flag. Subsequent falling clock edges
will then place the 24-bit data word (two overflow bits
and 22 bits of data, see Section 5.0 “Serial Inter-
face”) on the SPI bus through the SDO pin. Data is
clocked out on the falling edge of SCK.
3.6
Chip Select (CS)
CS gates all communication to the device and can be
used to select multiple devices that share the same
SCK and SDO/RDY pins. This pin is also used to
control the internal conversions, which begin on the
falling edge of CS. Raising CS before the first internal
conversion is complete places the device in Single
Conversion mode. Leaving CS low will place the
device in Continuous Conversion mode (i.e., additional
internal conversions will automatically occur). CS may
be tied permanently low for two-wire Continuous
Conversion mode operation. SDO/RDY enters a
high-impedance state with CS high.
Pin No.
Symbol
I/O/P
Function
1VREF
I
Reference Voltage Analog Input Pin
2VIN+
I
Non-inverting Analog Input Pin
3VIN-
I
Inverting Analog Input Pin
4VSS
P
Ground Pin
5
SCK
I
Serial Clock Digital Input Pin
6
SDO/RDY
O
Data/Ready Digital Output Pin
7CS
I
Chip Select Digital Input Pin
8VDD
P
Positive Supply Voltage Pin
Type Identification: I = Input; O = Output; P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com