Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3551-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3551-E/MS Datasheet HTML 15Page - Microchip Technology MCP3551-E/MS Datasheet HTML 16Page - Microchip Technology MCP3551-E/MS Datasheet HTML 17Page - Microchip Technology MCP3551-E/MS Datasheet HTML 18Page - Microchip Technology MCP3551-E/MS Datasheet HTML 19Page - Microchip Technology MCP3551-E/MS Datasheet HTML 20Page - Microchip Technology MCP3551-E/MS Datasheet HTML 21Page - Microchip Technology MCP3551-E/MS Datasheet HTML 22Page - Microchip Technology MCP3551-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21950B-page 19
MCP3551/3
If 24 bits of data are required from this conversion, they
must be accessed during this communication. You can
terminate data transition by bringing CS high, but the
remaining data will be lost and the converter will go into
Shutdown mode. Once the data has been transmitted
by the converter, the SDO/RDY pin will remain in the
LSB state until the 25th falling edge of SCK. At this
point, SDO/RDY is released from the Data Acquisition
mode and changed to the RDY state.
5.4.2
2-WIRE CONTINUOUS
CONVERSION OPERATION,
(CS TIED PERMANENTLY LOW)
It is possible to use only two wires to communicate with
the MCP3551/3 devices. In this state, the device is
always in Continuous Conversion mode, with internal
conversions continuously occurring. This mode can be
entered by having CS low during power-up or changing
it to a low position after power-up. If CS is low at
power-up, the first conversion of the converter is
initiated approximately 300 µs after the power supply
has stabilized.
5.5
Using The MCP3551/3 with
Microcontroller (MCU) SPI™ Ports
It is required that the microcontroller SPI port be config-
ured to clock out data on the falling edge of clock and
latch data in on the rising edge. Figure 5-6 depicts the
operation shown in SPI mode 1,1 which requires that
the SCK from the MCU idles in the High state, while
Figure 5-7 shows the similar case of SPI Mode 0,0
where the clock idles in the Low state. The waveforms
in the figures are examples of an MCU operating the
SPI port in 8-bit mode, and the MCP3551/3 devices do
not require data in 8-bit groups.
In SPI mode 1,1, data is read using only 24 clocks or
three byte transfers. The data ready bit must be read
by testing the SDO/RDY line prior to a falling edge of
the clock.
In SPI mode 0,0, data is read using 25 clocks or four
byte transfers. Please note that the data ready bit is
included in the transfer as the first bit in this mode.
FIGURE 5-6:
SPI™ Communication – Mode 1,1.
Note:
The RDY state is not latched to CS in this
mode; the RDY flag dynamically updates
on the SDO/RDY pin and remains in this
state until data is clocked out using the
SCK pin.
CS
SCK
SDO/RDY
MCU
Data stored into MCU receive
register after transmission of
first byte
Receive
Buffer
Data stored into MCU receive
register after transmission of
second byte
Data stored into MCU receive
register after transmission of
third byte
DO O
21 20 19 18 17
16
15 14 13 12 11 10 9
8
7 6 543
2 1
0
OL OH 21 20 19 18 17 16
15 14 13 12 11 10 9
8
76
5
4
3
2
1
0
RH L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com