Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3551-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3551-E/MS Datasheet HTML 10Page - Microchip Technology MCP3551-E/MS Datasheet HTML 11Page - Microchip Technology MCP3551-E/MS Datasheet HTML 12Page - Microchip Technology MCP3551-E/MS Datasheet HTML 13Page - Microchip Technology MCP3551-E/MS Datasheet HTML 14Page - Microchip Technology MCP3551-E/MS Datasheet HTML 15Page - Microchip Technology MCP3551-E/MS Datasheet HTML 16Page - Microchip Technology MCP3551-E/MS Datasheet HTML 17Page - Microchip Technology MCP3551-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MCP3551/3
DS21950B-page 14
© 2005 Microchip Technology Inc.
:
FIGURE 4-2:
SINC filter response,
MCP3551 device, simultaneous 50/60 Hz
Rejection.
FIGURE 4-3:
SINC Filter Response at
Integer Multiples of the Sampling Frequency (fs)
4.3
Internal Oscillator
The MCP3551/3 devices include a highly stable and
accurate internal oscillator that provides clock signals
to the delta-sigma ADC with minimum jitter. The oscil-
lator is a specialized structure with a low temperature
coefficient across the full range of specified operation,
see Table 4-1 for oscillator frequencies.
The conversion time is an integer multiple of the inter-
nal clock period and, therefore, has the same accuracy
as
the
internal
clock
frequency.
The
oscillator
frequency is 112.64 kHz ±0.5% for the MCP3551 and
122.88 kHz ±0.5% for the MCP3553 devices across
the full power supply voltage and specified temperature
ranges.
The notch of the digital filter is proportional to the
internal oscillator frequency, with the exact notch
frequency equivalent to the oscillator accuracy (< 0.5%
deviation). This high accuracy, combined with wide
notches, will ensure that the MCP3551 includes both
50 Hz and 60 Hz line frequency rejection by the digital
filtering, even when jitter is present.
The internal oscillator is held in the Reset condition
when the part is in Shutdown mode to ensure very low
power consumption (< 1 µA in Shutdown mode). The
internal oscillator is independent of all serial digital
interface edges (i.e., state machine processing the
digital SPI interface is asynchronous with respect to the
internal clock edges).
4.4
Differential Analog Inputs
The MCP3551/3 devices accept a fully differential ana-
log input voltage to be connected to the VIN+ and VIN-
input pins. The differential voltage that is converted is
defined by VIN = VIN+ - VIN-. The differential voltage
range specified for ensured accuracy is from -VREF to
+VREF.
The converter will output valid and usable codes from
-112% to 112% of output range (see Section 5.0
“Serial Interface”) at room temperature. The ±12%
overrange is clearly specified by two overload bits in
the output code: OVH and OVL. This feature allows for
system calibration of a positive gain error.
The absolute voltage range on these input pins extends
from VSS - 0.3V to VDD + 0.3V. If the input voltages are
above or below this range, the leakage currents of the
ESD diodes will increase exponentially, degrading the
accuracy and noise performance of the converter. The
common mode of the analog inputs should be chosen
such that both the differential analog input range and
absolute voltage range on each pin are within the
specified operating range defined in the Section 1.0
“Electrical Characteristics”.
Both the analog differential inputs and the reference
input have switched-capacitor input structures. The
input capacitors are charged and discharged alterna-
tively with the input and the reference in order to
process a conversion. The charge and discharge of the
input capacitors create dynamic input currents at the
VIN+ and VIN- input pins inversely proportional to the
sampling capacitor. This current is a function of the
differential input voltages and their respective common
modes. The typical value of the differential input imped-
ance is 2.4 M
Ω, with VCM = 2.5V, VDD = VREF = 5V. The
DC leakage current caused by the ESD input diodes,
even though on the order of 1 nA, can cause additional
offset errors proportional to the source resistance at the
VIN+ and VIN- input pins.
From a transient response standpoint and as a
first-order approximation, these input structures form a
simple RC filtering circuit with the source impedance in
series with the RON (switched resistance when closed)
of the input switch and the sampling capacitor. In order
to ensure the accuracy of the sampled charge, proper
settling time of the input circuit has to be considered.
Slow settling of the input circuit will create additional
gain error. As a rule of thumb, in order to obtain 1 ppm
absolute measurement accuracy, the sampling period
must be 14 times greater than the input circuit RC time
constant.
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
102030
40
50
60708090 100 110
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
0
28160
56320
84480 112640 140800 168960 197120 225280 253440
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com