Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC500-CS Datasheet(PDF) 3 Page - DFI Inc

Part # EC500-CS
Description  Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC500-CS Datasheet(HTML) 3 Page - DFI Inc

  EC500-CS Datasheet HTML 1Page - DFI Inc EC500-CS Datasheet HTML 2Page - DFI Inc EC500-CS Datasheet HTML 3Page - DFI Inc EC500-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
8th/9th Generation Intel® CoreTM Processors, LGA 1151
Intel® Core™ i7-9700TE , Octa Cores, 12M Cache, up to 3.8 GHz, 35W
Intel® Core™ i5-9500TE , Hexa Cores, 9M Cache, up to 3.6 GHz), 35W
Intel® Core™ i3-9100TE, Quad Cores, 6M Cache, up to 3.2 GHz, 35W
Intel® Core™ i7-8700T Processor, Hexa Core, 12M Cache, 2.4GHz (4GHz), 35W
Intel® Core™ i5-8500T Processor, Hexa Core, 9M Cache, 2.1GHz (3.5GHz), 35W
Intel® Core™ i3-8100T Processor, Quad Core, 6M Cache, 3.1GHz, 35W
Intel® Pentium® Processor G5400T, Dual Core, 4M Cache, 3.1GHz, 35W
Intel® Celeron® Processor G4900T, Dual Core, 2M Cache, 3.1GHz, 35W
Chipset
Intel® Q370/C246 Chipset
Intel® H310 Chipset
Memory
Two 260-pin SODIMM up to 64GB
Dual Channel DDR4 2400/2666MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL up to 5.0, DirectX 11, OpenCL 2.1
HW Decode: HEVC/H.265, H.264, M/JPEG, MPEG2, VC1/WMV9, VP8 (8-bit), VP9 (10-bit)
HW Encode: HEVC/H.265, M/JPEG, MPEG2, VP8
Display
Q370/C246:
1 x VGA
2 x HDMI/DP++ (auto detection)
H310:
1 x VGA
1 x HDMI/DP++ (auto detection)
VGA: resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 4096x2160 @ 30Hz
DP++: resolution up to 4096x2304 @ 60Hz
Dual/Triple Displays
Q370/C246:
1 x VGA + 2 x HDMI/DP++ (auto detection)
H310:
1 x VGA + 1 x HDMI/DP++ (auto detection)
STORAGE
Internal
2 x 2.5" SATA 3.0 Drive Bay
support RAID 0/1/5/10
EXPANSION
Interface
Q370/C246:
1 x M.2 2230 E key (PCIe/USB 2.0)
1 x M.2 2280 M key (PCIe x4 NVMe/SATA)
1 x M.2 3052 B key (PCIe)
H310:
1 x M.2 2230 E key (PCIe/USB 2.0)
1 x M.2 2280 M key (SATA)
1 x M.2 3052 B key (PCIe)
ETHERNET
Controller
Q370/C246:
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM with iAMT11.0 PCIe (10/100/1000Mbps) (only Core i7/i5 supports iAMT)
H310:
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219V PCIe (10/100/1000Mbps)
LED
Indicators
1 x Status LED
1 x HDD LED
FRONT I/O
Serial
4 x RS-232/422/485 (DB-9)
USB
2 x USB 2.0 (type A)
DIO
8 bit (DB-9)
Buttons
1 x Power Button
1 x Reset Button
Wi-Fi Antenna
3 x Antenna Hole
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
2 x RS-232 (DB-9)
USB
4 x USB 3.1 (type A)
Display
Q370/C246:
VGA + 2 x HDMI/DP++ (auto detection)
H310:
VGA + 1 x HDMI/DP++ (auto detection)
Audio
1 x Line-out
1 x Mic-in
WATCHDOG TIMER Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM 1.2 or 2.0 (optional)
POWER
Type
Wide Range 9~36V
Connector
5-pole Terminal Block
5-pin Power Extension Switch Connector
OS SUPPORT
Windows 10 IoT Enterprise 64 Bit
Linux (available upon request)
MECHANISM
Construction
Metal + Aluminum
Mounting
Wall Mount
Dimensions (W x H x D) 255.3 x 85 x 224mm
Weight
4.15 kg
ENVIRONMENT
Operating Temperature -20 to 70°C (SSD or mSATA)
Storage Temperature
-20 to 85°C
Relative Humidity
5 to 95% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Half sine wave 3G, 11ms, 3 shock per axis
Vibration
IEC68-2-64
Certification
CE, FCC Class A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com