Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC500-CS Datasheet(PDF) 1 Page - DFI Inc

Part # EC500-CS
Description  Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC500-CS Datasheet(HTML) 1 Page - DFI Inc

  EC500-CS Datasheet HTML 1Page - DFI Inc EC500-CS Datasheet HTML 2Page - DFI Inc EC500-CS Datasheet HTML 3Page - DFI Inc EC500-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8th/9th Gen Intel® CoreTM
Modular-Designed Embedded System
EC500-CS Q370H310
C246
KEY FEATURES
DDR4
DDR4 SODIMM up to 64GB
Three Independent Displays
1 VGA + 2 HDMI/DP++ (auto detection)
Wide-Temperature
Operating Temperature: -20 to 70°C
Rich I/O
2 GbE, 6 COM, 4 USB 3.1, 2 USB 2.0 (Q370/
C246 only)
Multiple Expansion
1 Mini PCIe and 2 M.2 Slots support NVMe
PANEL
Rear View
Front View
Status,
HDD LED
USB 2.0
Lan1~2
COM
VGA
Power
USB 3.1
HDMI/DP++
(Auto Detection)
COM
DIO
DC-in
Remote Switch
Support 5G Communication
Support 5G communication
5G


Similar Part No. - EC500-CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EC500-103 VISHAY-EC500-103 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC500-104 VISHAY-EC500-104 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC500-253 VISHAY-EC500-253 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC500-503 VISHAY-EC500-503 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
logo
DFI Inc
EC500-ADS DFI-EC500-ADS Datasheet
836Kb / 4P
12th Gen Intel® CoreTM Modular-Designed Embedded System
More results

Similar Description - EC500-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC200-BT DFI-EC200-BT Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC300 DFI-EC300 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC310 DFI-EC310 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC500-HD DFI-EC500-HD Datasheet
874Kb / 4P
Modular-Designed Embedded System
EC510-HD DFI-EC510-HD Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC510-KH DFI-EC510-KH Datasheet
837Kb / 4P
Modular-Designed Embedded System
EC510-SD DFI-EC510-SD Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC531-HD DFI-EC531-HD Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC531-SD DFI-EC531-SD Datasheet
943Kb / 4P
Modular-Designed Embedded System
EC532-DL DFI-EC532-DL Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com