Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC500-CS Datasheet(PDF) 4 Page - DFI Inc

Part # EC500-CS
Description  Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC500-CS Datasheet(HTML) 4 Page - DFI Inc

  EC500-CS Datasheet HTML 1Page - DFI Inc EC500-CS Datasheet HTML 2Page - DFI Inc EC500-CS Datasheet HTML 3Page - DFI Inc EC500-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © September 11, 2020 DFI Inc.
1 EC500-CS system unit
1 M.2 slot & mini-PCIe slot screws
1 terminal block 5 pole for DC input
1 cable with 2 wire stripped and tinned to DC jack
PACKING LIST
ORDERING INFORMATION
Model Name
Part Number
Description
EC500-
CS4061-Q
750-EC5003-000G
EC500-CS4061-Q:Fanless, CS263, Q370, 6 COM, 6 USB, 1 VGA, 2 HDMI/DP, 2 LAN, 1 Line-out, 1 Mic-in,
DC9~36V, F/G SYSTEM RoHS
EC500-
CS4061-H
750-EC5003-100G
EC500-CS4061-H:Fanless, CS263, H310, 6 COM, 4 USB, 1 VGA, 1 HDMI/DP, 2 LAN, 1 Line-out, 1 Mic-in,
DC9~36V, F/G SYSTEM RoHS
EC500-
CS4061-C
750-EC5003-200G
EC500-CS4061-C:Fanless, CS263, C246, 6 COM, 6 USB, 1 VGA, 2 HDMI/DP, 2 LAN, 1 Line-out, 1 Mic-in,
DC9~36V, F/G SYSTEM RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com