Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-4-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1032ACPZ-4-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-4-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1032ACPZ-4-R7 Datasheet HTML 5Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 6Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 9 of 37
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
VINP to PGNDP
61 V
SWP to VINP
VINP + 70 V or 110 V,
whichever is lower
SLEW to GNDP
−0.3 V to VINP + 0.3 V
EN to GNDP
−0.3 V to +61 V
VOUT1 to SGND2
35 V
FB1 to SGND2
−0.3 V to VOUT1 + 0.3 V
SW2 to SGND2
−0.3 V to VOUT1 + 0.3 V
VOUT2 to SGND2
6 V
SVDD1 to SGND1
6.0 V
SVDD2 to SGND2
6.0 V
SSS, SCK, SI, SO to SGND1
−0.3 V to SVDD1 + 0.3 V
SGPO1, SGPO2, SGPI3 to SGND2
−0.3 V to SVDD2 + 0.3 V
SYNC to SGND2
−0.3 V to +6 V
MVDD to MGND
6.0 V
MSS, MCK, MO, MI to MGND
−0.3 V to MVDD + 0.3 V
MGPI1, MGPI2, MGPO3 to MGND
−0.3 V to MVDD + 0.3 V
PWRGD to MGND
−0.3 V to MVDD + 0.3 V
Common-Mode Transients
±100 kV/µs
Operating Junction Temperature
Range1
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
1
Power dissipated on chip must be derated to keep the junction temperature
below 125°C.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJA is the natural convection, junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
measured at the top of the package and is independent of the
PCB. The ΨJT value is appropriate for calculating junction to
case temperature in the application.
Table 8. Thermal Resistance
Package Type1, 2, 3, 4
θJA
θJC
ΨJT
Unit
CP-41-1
50.4
33.1
25
°C/W
1
9 mm × 7 mm LFCSP with omitted pins for isolation purposes.
2
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with 19 thermal vias. See JEDEC JESD-51.
3
Case temperature was measured at the center of the package.
4
Board temperature was measured near Pin 1.
ESD CAUTION
Table 9. Maximum Continuous Working Voltage1
Parameter
Value
Constraint
60 Hz AC Voltage
300 V rms
20-year lifetime at 0.1% failure rate, zero average voltage
DC Voltage
424 VPEAK
Limited by the creepage of the package, Pollution Degree 2, Material Group II2, 3
1
See the Insulation Lifetime section for more details.
2
Other pollution degrees and material group requirements yield a different limit.
3
Some system level standards allow components to use the printed wiring board (PWB) creepage values. The supported dc voltage may be higher for those standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com