Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-4-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1032ACPZ-4-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-4-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1032ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 14Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 15Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 16Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 17Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 18Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 19Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 20Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 17 of 37
CH1 10.0V
CH2 1.00V
M4.00ms
A CH1
20.6V
T
20.20%
B
W
B
W
CH3 50.0V BW
2
3
1
15µs STEP
VINP
VOUT1
VSWP
Figure 34. Flyback Regulator Line Transient Response,
VINP = 18 V to 32 V at 15 µs Step Time, VOUT1 = 24 V,
IOUT1 = 80 mA, TA = 25°C
IOUT2 (mA)
0
10
20
30
40
50
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–40°C
+25°C
+125°C
Figure 35. Cross Regulation, Flyback Regulator Regulation vs. Buck Regulator
Load Current Across Temperature, VINP = 24 V, VOUT1 = 24 V, IOUT1 = 80 mA,
VOUT2 = 3.3 V
50
60
70
80
90
100
0
40
60
80
100
120
140
160
IOUT2 (mA)
20
VOUT1 = 6V
VOUT1 = 15V
VOUT1 = 24V
VOUT1 = 28V
Figure 36. Buck Regulator Efficiency vs. Load Current over Various VOUT1,
VOUT2 = 5.15 V, TA = 25°C
CH1 10.0V
CH2 1.00V
A CH1
20.6V
T
20.20%
B
W
B
W
CH3 50.0V BW
2
3
1
400µs STEP
VOUT1
ISWP
VSWP
Figure 37. Flyback Regulator Line Transient Response,
VINP = 18 V to 32 V at 400 µs Step Time, VOUT1 = 24 V,
IOUT1 = 80 mA, TA = 25°C
IOUT1 (mA)
0
50
100
150
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–40°C
+25°C
+125°C
Figure 38. Cross Regulation, Buck Regulator Regulation vs. Flyback Regulator
Load Current Across Temperature, VINP = 24 V, VOUT1 = 24 V,
VOUT2 = 3.3 V, IOUT2 = 13 mA
50
55
60
65
70
75
80
85
90
95
0
20
40
60
80
100
120
140
160
IOUT2 (mA)
VOUT1 = 6V
VOUT1 = 15V
VOUT1 = 24V
VOUT1 = 28V
Figure 39. Buck Regulator Efficiency vs. Load Current over Various VOUT1,
VOUT2 = 5.0 V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com