Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-4-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1032ACPZ-4-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-4-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1032ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 14Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 15Page - Analog Devices ADP1032ACPZ-4-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 12 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
50
55
60
65
70
75
80
85
90
0
100
200
300
IOUT1 (mA)
VINP = 5V
VINP = 18V
VINP = 24V
VINP = 32V
VINP = 60V
Figure 4. Overall Efficiency at Various Input Voltages, TA = 25°C,
VOUT1 = 24 V, VOUT2 = 3.3 V, IOUT2 = 30 mA, Using a Coilcraft ZA9644-AE
Transformer and a Zener Clamp Circuit
70
72
74
76
78
80
82
84
86
88
0
50
100
150
200
IOUT1 (mA)
D-Z CLAMP
NO CLAMP
RCD CLAMP
Figure 5. Overall Efficiency at Various Input Voltages, TA = 25°C,
VOUT1 = 24 V, VOUT2 = 3.3 V, IOUT2 = 30 mA, Using a Coilcraft ZA9644-AE
Transformer over Different Clamp Circuits
50
55
60
65
70
75
80
85
90
0
50
100
150
200
IOUT1 (mA)
–40°C
+25°C
+105°C
Figure 6. Overall Efficiency Across Temperature, VINP = 24 V, VOUT1 = 24 V,
VOUT2 = 3.3 V, IOUT2 = 30 mA, Using a Coilcraft ZA9644-AE Transformer and a
Zener Clamp Circuit
0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
IOUT1 (mA)
VINP = 5V
VINP = 18V
VINP = 24V
VINP = 32V
VINP = 60V
Figure 7. Power Dissipation at Various Input Voltages, TA = 25°C,
VOUT1 = 24 V, VOUT2 = 3.3 V, IOUT2 = 30 mA, Using a Coilcraft ZA9644-AE
Transformer and a Zener Clamp Circuit
IOUT1 (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
D-Z CLAMP
NO CLAMP
RCD CLAMP
Figure 8. Power Dissipation at Various Input Voltages, TA = 25°C,
VOUT1 = 24 V, VOUT2 = 3.3 V, IOUT2 = 30 mA, Using a Coilcraft ZA9644-AE
Transformer over Different Clamp Circuits
0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
200
IOUT1 (mA)
–40°C
+25°C
+105°C
Figure 9. Power Dissipation Across Temperature, VINP = 24 V, VOUT1 = 24 V,
VOUT2 = 3.3 V, IOUT2 = 30 mA, Using a Coilcraft ZA9644-AE Transformer and a
Zener Clamp Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com