Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5042BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5042BCCZN-R7
Description  Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5042BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5042BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADRF5042
Data Sheet
Rev. 0 | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
V1
GND
VSS
RFC
GND
18
17
16
15
14
2
3
4
5
6
RF2
GND
RF3
GND
GND
ADRF5042
TOP VIEW
(Not to Scale)
1
19
GND
13
GND
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED
TO THE RF AND DC GROUND.
EN
7
LS
Figure 3. Pin Configuration (Top View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Enable Input. See Table 6 for the truth table. See Figure 5 for the interface schematic.
2
V1
Control Input 1. See Table 6 for the truth table. See Figure 5 for the interface schematic.
3, 5, 9, 11 to 13, 15 to
17, 19 to 21, 23
GND
Ground. The GND pins must be connected to the RF and dc ground of the PCB.
4
RFC
RF Common Port. RFC is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc. See Figure 4 for the interface schematic.
6
VSS
Negative Supply Voltage.
7
LS
Logic Select Input. See Table 6 for the truth table. See Figure 5 for the interface schematic.
8
VDD
Positive Supply Voltage.
10
RF4
RF Throw Port 4. RF4 is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc. See Figure 4 for the interface schematic.
14
RF3
RF Throw Port 3. RF3 is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc. See Figure 4 for the interface schematic.
18
RF2
RF Throw Port 2. RF2 is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc. See Figure 4 for the interface schematic.
22
RF1
RF Throw Port 1. RF1 is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc.
24
V2
Control Input 2. See Table 6 for the truth table. See Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground.
INTERFACE SCHEMATICS
RFC,
RF1,
RF2,
RF3,
RF4
Figure 4. RFC and RF1 to RF4 Pin Interface Schematic
VDD
VDD
V1, V2,
EN, LS
Figure 5. V1, V2, EN, and LS Pin Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com