Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5042BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5042BCCZN-R7
Description  Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5042BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5042BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADRF5042
Data Sheet
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
6
7
12
13
18
19
20
24
0.40
BSC
0.248
0.208
0.168
0.808
0.738
0.668
0.250
0.200
0.150
0.325
0.275
0.225
0.530 REF
0.125 REF
0.125 REF
SEATING
PLANE
PIN 1
INDICATOR
AREA
1.50 BSC
SQ
1.60
REF
2.40
REF
PIN 1
INDICATOR
(C0.225 × 0.45°)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
Figure 25. 24-Terminal Land Grid Array [LGA]
3 mm × 3 mm Body and 0.738 mm Package Height
(CC-24-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADRF5042BCCZN
−40°C to +105°C
24-Terminal Land Grid Array [LGA]
CC-24-12
042
ADRF5042BCCZN-R7
−40°C to +105°C
24-Terminal Land Grid Array [LGA]
CC-24-12
042
ADRF5042-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D23793-7/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com