Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5042BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5042BCCZN-R7
Description  Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5042BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5042BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5042BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Nonreflective, 100 MHz to 44 GHz
Silicon SP4T Switch
Data Sheet
ADRF5042
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 100 MHz to 44 GHz
Nonreflective 50 Ω design
Low insertion loss
1.8 dB up to 18 GHz
2.8 dB up to 40 GHz
3.2 dB up to 44 GHz
High isolation
50 dB up to 18 GHz
39 dB up to 40 GHz
35 dB up to 44 GHz
High input linearity
P0.1dB: 26 dBm typical
IP3: 47 dBm typical
High power handling
24 dBm through path
24 dBm terminated path
All off state control
Logic select control
No low frequency spurs
Settling time (0.1 dB final RF output): 30 ns
24-terminal, 3 mm × 3 mm land grid array (LGA) package
Pin compatible with ADRF5043, low frequency cutoff version
APPLICATIONS
Industrial scanners
Test instrumentation
Cellular infrastructure—millimeterwave (mmWave) 5G
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
V1
GND
VSS
RFC
GND
50Ω
50Ω
50Ω
50Ω
18
17
16
15
14
2
3
4
5
6
1
19
GND
13
RF2
GND
RF3
GND
GND
GND
EN
7
LS
Figure 1.
GENERAL DESCRIPTION
The ADRF5042 is a nonreflective SP4T switch manufactured in
the silicon on insulator (SOI) process.
The ADRF5042 operates from 100 MHz to 44 GHz with an
insertion loss of lower than 3.2 dB and an isolation of higher
than 35 dB. The device has a RF input power handling
capability of 24 dBm for both through and terminated paths.
The ADRF5042 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device employs CMOS- and low voltage transistor
to transistor logic (LVTTL)-compatible controls.
The ADRF5042 has enable and logic select controls to feature
all off state and port mirroring, respectively.
The ADRF5042 is pin compatible with the ADRF5043 low
frequency cutoff version, which operates from 9 kHz to 44 GHz.
The ADRF5042 comes in a 24-terminal, 3 mm × 3 mm, RoHS
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5042BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040-EVALZ AD-ADRF5040-EVALZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ AD-ADRF5040BCPZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ-R7 AD-ADRF5040BCPZ-R7 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results

Similar Description - ADRF5042BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com