Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD7613 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD7613
Description  AM/FM 1 CHIP RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD7613 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD7613 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silicore
绍兴芯谷科技有限公司
CD7613
绍兴芯谷科技有限公司
www. Silicore. com. cn
CHMC
2/8
管脚排列图
引出端功能符号
引出端序号
功
能
符
号
引出端序号
功
能
符
号
1
中频旁路
BPSIF
9
音频输入
INAF
2
中频输入
INIF
10
音频退耦
DCAF
3
地 1
GND1
11
地 2
GND2
4
混频输出
OUTMIX
12
功放输出
OUTP
5
调幅本振
OSCAM
13
电
源
VCC
6
高频输入
INRF
14
鉴频/检波
QUAD/DET
7
高频旁路
BPSRF
15
中频输出
OUTIF
8
检波输出
OUTDET
16
自动增益/频率控制
AGC/AFC
极限值(绝对最大额定值,若无其它规定 ,Tamb=25°C)
数
值
参 数 名 称
符
号
最
小
最
大
单
位
电 源 电 压
Vcc
13
V
电 源 电 流
Icc
44
mA
功耗(Tamb<65°C)
PD
600
mW
热
阻
PJ-A
100
°C/W
工作环境温度
Topr
-18
65
°C
贮 存 温 度
Tstg
-40
125
°C
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
8
BPS
IF
GND
OUT
OSC
IN
BPS
OUT
IN
DC
GND
OUT
AM RF
QUAD/DET
OUT
AGC/AFC
D7613
IN
IF
1
MIX
AM
RF
RF
DET
AF
AF
2
IF
P
CD7613



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com