Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD7613 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD7613
Description  AM/FM 1 CHIP RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD7613 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD7613 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Silicore
芯谷科技
绍兴芯谷科技有限公司
www. Silicore. com. cn
CHMC
1/8
单片调频/调幅收音机电路
CD7613
概述
外形图
CD7613 为带有音频功放的单片调频/调幅收音机电
路,适用于普通收音机和钟控收音机。
主要特点
只需在 FM 输入级外加二个晶体管即可组成完
整的 AM/FM 收音机。
AM/FM 的转换采用直流转换方式,转换简便。
工作电源电压范围宽:Vcc=3~13V。
IC 内部,在电源端子 13 端接有一个分流式定
电压源。当外电源电压超过 12.5V 时,起分流
作用,以保护集成块。
功能框图
4
3
2
116
15
14
13
56
78
9
10
11
12
功放
高频
本振
混频
中频
检波
电压调整
混频输出
地
中频 中频 自动增益
/频率控制
中频
鉴频/检波 电源
调幅本振
高频
高频 检波
音频
音频
地
功放输出
AM F/E
输入 旁路
检出
旁路
输入
输出
输入
退耦


Similar Part No. - CD7613

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD7611CP ETC1-CD7611CP Datasheet
193Kb / 8P
VIDEO IF AMPLIFIER FOR COLOR AND MONOCHROME TELEVISION RECEIVER
More results

Similar Description - CD7613

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA22425D SAMSUNG-KA22425D Datasheet
113Kb / 4P
AM/FM 1 CHIP RADIO
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
AM/FM 1-CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
AM/FM 1 CHIP RADIO
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
AM/FM 1 CHIP RADIO
S1A0427B01 SAMSUNG-S1A0427B01 Datasheet
305Kb / 14P
AM/FM 1 CHIP RADIO
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
FM/AM Single-Chip Radio
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
FM/AM SINGLE CHIP RADIO
logo
Hangzhou Youwang Electr...
UTC7613AP YOUWANG-UTC7613AP Datasheet
98Kb / 5P
AM/FM 1 CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com