Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD7613 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CD7613
Description  AM/FM 1 CHIP RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD7613 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CD7613 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD7613 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Silicore
绍兴芯谷科技有限公司
CD7613
绍兴芯谷科技有限公司
www. Silicore. com. cn
CHMC
8/8
线圈规范
Coll No.
f
Qo
Turns
C.L.
线路图
T1
10.7MHz
90
1-3
4-6
113
82pF
T2
10.7MHz
60
1-3
4-6
52
390pF
T3
455kHz
100
1-2
1-3
4-6
127
28
10
180pF
T4
10.7MHz
45(Min)
1-3
11
82pF
T5
10.7MHz
25(Min)
1-3
4-6
77
180pF
T6
455kHz
100
1-2
2-3
50
50
390pF
L6
796kHz
100
1-3
4-6
100
10
360µH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com