Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS150-CS Datasheet(PDF) 2 Page - DFI Inc

Part # OPS150-CS
Description  Digital Signage OPS Computer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

OPS150-CS Datasheet(HTML) 2 Page - DFI Inc

  OPS150-CS Datasheet HTML 1Page - DFI Inc OPS150-CS Datasheet HTML 2Page - DFI Inc OPS150-CS Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPS150-CS
SYSTEM
Processor
8th/9th Generation Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-9700TE Processor, Octa Core, 12M Cache, 1.8GHz (3.8GHz), 35W
Intel® Core™ i5-9500TE Processor, Hexa Core, 9M Cache, 2.2GHz (3.6GHz), 35W
Intel® Core™ i3-9100TE Processor, Quad Core, 6M Cache, 2.2GHz (3.2GHz), 35W
Intel® Core™ i7-8700T Processor, Hexa Core, 12M Cache, 2.4GHz (4.0GHz), 25W (35W)
Intel® Core™ i5-8500T Processor, Hexa Core, 9M Cache, 2.1GHz (3.5GHz), 25W (35W)
Intel® Core™ i3-8300T Processor, Quad Core, 8M Cache, 2.5GHz (3.2GHz), 25W (35W)
Chipset
Intel® H310 Chipset
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 2666MHz
BIOS
Insyde SPI 16Mbit
GRAPHICS
Controller
Intel® HD Graphics 630
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x HDMI 1.4
via JAE connector interface support:
1 x HDMI 2.0 output + 1 x DP 1.2 output
HDMI 1.4: resolution up to 3840x2160 @ 30Hz
HDMI 2.0: resolution up to 3840x2160 @ 60Hz
DP: resolution up to 4096x2160 @ 60Hz
Triple Displays
2 x HDMI + 1 x DP
EXPANSION
Interface
1 x M.2 (2280 M Key) (PCIe NVMe x4/SATA 3.0)
1 x M.2 (2230 E Key) (PCIe/USB 2.0)
ETHERNET
Controller
Realtek RTL8111H
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
Ethernet
1 x GbE (RJ-45)
Serial
1 x RS-232 (DB-9)
USB
2 x USB 3.1 Gen1
Display
1 x HDMI 1.4 output
Audio
1 x Line-out
1 x Mic-in
Buttons
1 x Power Button
1 x Reset Button
Wi-Fi Antenna
2 x Wi-Fi Module Antenna Hole
REAR I/O
OPS Interface
JAE TX25:
1 x HDMI 2.0
1 x DP 1.2
2 x USB 2.0
1 x USB 3.0
1 x UART
1 x Audio out
1 x 12~19V DC-in
COOLING
Fan
Active Cooling
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
OS SUPPORT
Windows 10 Enterprise (64-bit)
Linux
MECHANISM
Construction
Aluminum + SGCC
Dimensions
200mm x 30mm x 119mm (W x H x D)
Weight
2.64 kg
ENVIRONMENT
Operating Temperature -5 to 45°C
The configuration with i3 CPU may limit the system operating temperature up to 40C, or CPU throttles may
occur
Storage Temperature
-40 to 85°C
Relative Humidity
10 to 90% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Certification
CE/FCC/CCC
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com