Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS150-CS Datasheet(PDF) 1 Page - DFI Inc

Part # OPS150-CS
Description  Digital Signage OPS Computer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

OPS150-CS Datasheet(HTML) 1 Page - DFI Inc

  OPS150-CS Datasheet HTML 1Page - DFI Inc OPS150-CS Datasheet HTML 2Page - DFI Inc OPS150-CS Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
180.00
200.00
30.00
OPS150-CS
Panel
8th/9th Gen Intel® Core™Processor
Digital Signage OPS Computer
Dimensions
Features
• Intel® Open Pluggable Specification (OPS compliance)
• 2 DDR4-2666 SO-DIMM max. up to 32 GB
• M.2 SSD, M.2 Wi-Fi/BT
• 1 HDMI supports 4K @ 60Hz resolution
• Easy installation and maintenance
• Rich I/O: 1 COM, 1GbE, 2 USB 3.1 Gen1, Audio
Wi-Fi
Right View
H310
Front View
Rear View
Line-out
Power Button
HDD LED
HDMI
USB 3.1
Gen1
COM
DDR4
LAN
Reset Button
Mic-in
Antenna hole
Antenna hole
JAE TX25
Front View
Top View
Left View
Rear View
USB 3.1
4K2K
Display


Similar Part No. - OPS150-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
OPS100-SH DFI-OPS100-SH Datasheet
570Kb / 3P
Digital Signage Computer
More results

Similar Description - OPS150-CS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS220 ADVANTECH-ARK-DS220 Datasheet
2Mb / 2P
OPS ION2-based Digital Signage Platform
ARK-DS220 ADVANTECH-ARK-DS220_14 Datasheet
2Mb / 2P
ION-2-based OPS Digital Signage Player
ARK-DS262 ADVANTECH-ARK-DS262_14 Datasheet
626Kb / 2P
3rd Generation Intel짰 Core??i7 OPS Digital Signage Platform
logo
Axiomtek Co., Ltd.
OPS830-D2550-RC-NP AXIOMTEK-OPS830-D2550-RC-NP Datasheet
242Kb / 2P
Intel짰 Atom??Cedarview Open Pluggable Specification (OPS) Digital Signage Player
OPS883 AXIOMTEK-OPS883_17 Datasheet
295Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS883-H AXIOMTEK-OPS883-H_17 Datasheet
342Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS300-310 AXIOMTEK-OPS300-310 Datasheet
258Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS500-520-H AXIOMTEK-OPS500-520-H Datasheet
168Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS700-520 AXIOMTEK-OPS700-520 Datasheet
174Kb / 1P
Open Pluggable Specification-Plus (OPS) Digital Signage Player
logo
DFI Inc
OPS100-SH DFI-OPS100-SH Datasheet
570Kb / 3P
Digital Signage Computer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com