Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS150-CS Datasheet(PDF) 3 Page - DFI Inc

Part # OPS150-CS
Description  Digital Signage OPS Computer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

OPS150-CS Datasheet(HTML) 3 Page - DFI Inc

  OPS150-CS Datasheet HTML 1Page - DFI Inc OPS150-CS Datasheet HTML 2Page - DFI Inc OPS150-CS Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
Optional Items
Packing List
Model Name Part Number
Description
OPS150-CS
750-OPS150-001G OPS+ Computer, Intel H310, 2 USB 3.1 Gen1, 1 LAN, 1 COM, F/G System RoHS
OPS150-CS
750-OPS150-101G OPS+ Computer, Intel i7-8700T, Intel H310, DDR4 8GB, SSD 128GB, F/G System, RoHS
OPS150-CS
TBD
OPS+ Computer, Intel i5-8500T, Intel H310, DDR4 8GB, SSD 128GB, F/G System, RoHS
OPS150-CS
750-OPS150-201G OPS+ Computer, Intel i3-8100T, Intel H310, DDR4 4GB, SSD 128GB, F/G System RoHS
• 1 OPS150-CS system unit
• 1 Quick Installation Guide
• 1 CD disk includes:
- Drivers / Manual
Optional Items
Part Number
Description
CPU
143-101805-500G
Intel i7-9700TE, 1.8GHz ~ 3.8GHz, 8C8T, 12M cache, TDP 35W
TBD
Intel i5-9500TE, 2.2GHz ~ 3.6GHz, 6C6T, 9M cache, TDP 35W
143-10220E-500G
Intel i3-9100TE, 2.2GHz ~ 3.2GHz, 4C4T, 6M cache, TDP 35W
143-10240A-500G
Intel i7-8700T, 2.4GHz ~ 4GHz, 6C12T, 12M cache, TDP 35W
143-102104-501G
Intel i5-8500T, 2.1GHz ~ 3.5GHz, 6C6T, 9M cache, TDP 35W
143-103105-500G
Intel i3-8100T, 3.1GHz, 4C4T, 6M cache, TDP 35W
TBD
Intel i5-8400T, 1.7GHz ~ 3.3GHz, 6C6T, 9M cache, TDP 35W
SSD
638-712816-110G M.2 2280, PCIe Gen3x4, M-Key, 128GB, 3D TLC, PE: 3K
638-725608-100G M.2 2280, PCIe Gen3x4, M-Key, 256GB, 3D TLC, PE: 3K
TBD
M.2 2280, PCIe Gen3x8, M-Key, 512GB, 3D TLC, PE: 3K
TBD
M.2 2280, PCIe Gen3x8, M-Key, 1TB, 3D TLC, PE: 3K
638-712818-100G M.2 2280 SSD, SATA3 B+M Key, 128GB, 3D TLC, PE: 3K
638-725614-100G M.2 2280 SSD, SATA3 B+M Key, 256GB, 3D TLC, PE: 3K
TBD
M.2 2280 SSD, SATA3 B+M Key, 512GB, 3D TLC, PE: 3K
638-701T01-100G M.2 2280 SSD, SATA3 B+M Key, 1TB, 3D TLC, PE: 3K
Wi-Fi + BT
761-OPS150-001G WiFi AC 3168.NGWG 802.11abgn/ac &BT4.2, with 2 dipole antenna
OS
921-151310-000G Win10 IoT Ent 2019 LTSC MultiLang High End EPKEA MUT-00013
921-151320-000G Win10 IoT Ent 2019 LTSC MultiLang High End PKEA MUT-00010
921-151330-000G Win10 IoT Ent 2019 LTSC MultiLang Value PKEA MUU-00004
921-151340-000G Win10 IoT Ent 2019 LTSC MultiLang Value EPKEA MUU-00005
DIMM
138-540002-106G 4GB DDR4 2666Mhz SO-DIMM 1Rx8 512Mx8 CL19 1.2V
138-580004-102G 8GB DDR4 2666Mhz SO-DIMM 1Rx8 1Gx8 CL19 1.2V
138-5G0163-102G 16GB DDR4 2666Mhz SO-DIMM 2Rx8 1Gx8 CL19 1.2V
OPS150-CS
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 3, 2020 DFI Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com