Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS100-SH Datasheet(PDF) 2 Page - DFI Inc

Part # OPS100-SH
Description  Digital Signage Computer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

OPS100-SH Datasheet(HTML) 2 Page - DFI Inc

  OPS100-SH Datasheet HTML 1Page - DFI Inc OPS100-SH Datasheet HTML 2Page - DFI Inc OPS100-SH Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPS100-SH
SYSTEM
Processor
Intel® Xeon® Processor E3-1515M v5, Quad Core, 8M Cache, 2.8GHz (3.7GHz)
Intel® Core™ i5-6440EQ Processor, Quad Core, 6M Cache, 2.7GHz (3.4GHz)
Intel® Core™ i3-6100E Processor, Dual Core, 3M Cache, 2.7GHz
Chipset
Intel® CM236 Chipset (Xeon)
Intel® HM170 Chipset (Core-i)
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 2400/2133MHz
BIOS
Insyde SPI 16Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x HDMI-in
1 x HDMI 2.0 Output + 2 x DP 1.2 Output
(via JAE & 2nd Connector interface)
HDMI: resolution up to 3840x2160 @ 60Hz
DP: resolution up to 4096x2160 @ 60Hz
Triple Displays
HDMI + 2 DP
EXPANSION
Interface
1 x M.2 (2280 M Key) (PCIe x4/SATA)
1 x M.2 (2230 E Key) (PCIe/USB)
1 x micro SD Card Slot
ETHERNET
Controller
1 x Intel® I219LM PCIe with iAMT11.6 (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
Ethernet
1 x GbE (RJ-45)
Serial
1 x RS-232 (DB-9)
USB
4 x USB 3.0 (type A)
Display
1 x HDMI-in
Audio
1 x Line-out
1 x Mic-in
Buttons
1 x Power Button
1 x Reset Button
Wi-Fi Antenna
2 x Wi-Fi Module Antenna Hole
REAR I/O
OPS Interface
JAE TX25A:
1 x HDMI 2.0
1 x DP 1.2
2 x USB 2.0
1 x USB 3.0
1 x 12~19V DC-in
2nd Connector:
1 x DP 1.2
2 x USB 3.0
PCIe x4 signal
COOLING
Fan
Active Cooling
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM 2.0
POWER
Type
Wide Range 12~19V
Connector
DC-in Connector Available Upon Request
OS SUPPORT
Windows 10 Enterprise (64-bit)
Windows 8.1
MECHANISM
Construction
Aluminum + SGCC
Dimensions
180mm x 30mm x 119mm (W x H x D)
Weight
2.64kg
ENVIRONMENT
Operating Temperature
0 to 45°C
Storage Temperature
-40 to 85°C
Relative Humidity
10 to 90% RH (non-condensing)
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com