Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS100-SH Datasheet(PDF) 1 Page - DFI Inc

Part # OPS100-SH
Description  Digital Signage Computer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

OPS100-SH Datasheet(HTML) 1 Page - DFI Inc

  OPS100-SH Datasheet HTML 1Page - DFI Inc OPS100-SH Datasheet HTML 2Page - DFI Inc OPS100-SH Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPS100-SH
Panel
Intel® Xeon® Processor E3-1515M v5
Digital Signage Computer
Dimensions
Features
• Intel® Open Pluggable Specification (OPS+ compliance)
• DDR4-2400/2133 SO-DIMM max. up to 32 GB
• Dual M.2 expansion sockets
• Supports 3* 4K @ 60Hz resolution
• Easy installation and maintenance
• Supports HDMI-in
• PCIe x4 signal to Docking Board Expansion
Right View
CM236
HM170
Front View
Rear View
Line-out
Power Button
HDD LED
HDMI-in
USB 3.0
COM
DDR4
LAN
Reset Button
Mic-in
microSD Card
Antenna hole
Antenna hole
AMT
2nd Connector
JAE TX25A
180.00
200.00
30.00
Front View
Top View
Left View
Rear View


Similar Part No. - OPS100-SH

ManufacturerPart #DatasheetDescription
logo
DFI Inc
OPS150-CS DFI-OPS150-CS Datasheet
588Kb / 3P
Digital Signage OPS Computer
More results

Similar Description - OPS100-SH

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS302 ADVANTECH-ARK-DS302 Datasheet
476Kb / 2P
Compact HD Digital Signage Platform
ARK-DS303 ADVANTECH-ARK-DS303 Datasheet
432Kb / 2P
Value Digital Signage Platform
DSD-3032 ADVANTECH-DSD-3032 Datasheet
216Kb / 2P
32" Industrial HD Digital Signage 32" Industrial HD Digital Signage
ARK-DS303 ADVANTECH-ARK-DS303_14 Datasheet
877Kb / 2P
Value Digital Signage Player
logo
List of Unclassifed Man...
Q20W ETC2-Q20W Datasheet
304Kb / 1P
Digital Signage Product
Q30 ETC2-Q30 Datasheet
95Kb / 1P
Digital Signage Product
logo
Axiomtek Co., Ltd.
DSB550-880 AXIOMTEK-DSB550-880 Datasheet
226Kb / 1P
High Performance Digital Signage Player
logo
DFI Inc
OPS150-CS DFI-OPS150-CS Datasheet
588Kb / 3P
Digital Signage OPS Computer
logo
Advantech Co., Ltd.
VUE-5550-UHD ADVANTECH-VUE-5550-UHD Datasheet
461Kb / 2P
Advantech 55 Digital Signage
15-Apr-2022
VUE-86-4K ADVANTECH-VUE-86-4K Datasheet
238Kb / 2P
Advantech 86" Digital Signage Series
19-Dec-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com