Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS100-SH Datasheet(PDF) 3 Page - DFI Inc

Part # OPS100-SH
Description  Digital Signage Computer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

OPS100-SH Datasheet(HTML) 3 Page - DFI Inc

  OPS100-SH Datasheet HTML 1Page - DFI Inc OPS100-SH Datasheet HTML 2Page - DFI Inc OPS100-SH Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
Optional Items
Packing List
Model Name
Part Number
Description
OPS100-SH
750-OPS100-000G OPS+ Computer, Intel Xeon E3-1515M v5, Intel CM236, DDR4 8GB, SSD 64GB, docking
board, RoHS
OPS100-SH
750-OPS100-002G OPS+ Computer, Intel i3-6100E, Intel HM170, DDR4 4GB, SSD 64GB, Windows 10 IoT,
docking board, RoHS
OPS100-SH
TBD
OPS+ Computer, Intel i5-6440EQ, Intel HM170, RoHS
OPS100-SH
TBD
OPS+ Computer, Intel i3-6100E, Intel HM170, RoHS
• 1 OPS100-SH system unit
• 1 Quick Installation Guide
Optional Items
Part Number
Description
Memory
TBD
SODIMM, DDR4 Module, 8GB, RoHS
TBD
SODIMM, DDR4 Module, 4GB, RoHS
SSD
635-600642-500G
M.2 2280 SATAIII, 64GB MLC
635-601282-1K0G
M.2 2280 SATAIII, 128GB MLC
635-602566-100G
M.2 2280 PCIe x4, 256GB MLC, Intel 600p SSDPEKKW256G7
Wi-Fi + BT
TBD
M.2 2230 802.11a/b/g/n/ac + Bluetooth 4.1, Intel AC8260, 2 cables, 2 antennas
Capture Card
TBD
4K@60 HDMI Capture Card PCIe x4, Yuan SC560N14K
Power Adapter
671-712001-000G
120W, 12V, Level 6, RoHS
Docking Board
774-ACD411-181G Docking board, JAE TX24A+2nd High Speed Conn./DC-in Jack/2DP/HDMI/USB/COM
OPS100-SH
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 23, 2020 DFI Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com