Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC300-CS Datasheet(PDF) 3 Page - DFI Inc

Part # VC300-CS
Description  AI-Enabled In-Vehicle Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC300-CS Datasheet(HTML) 3 Page - DFI Inc

  VC300-CS Datasheet HTML 1Page - DFI Inc VC300-CS Datasheet HTML 2Page - DFI Inc VC300-CS Datasheet HTML 3Page - DFI Inc VC300-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
8th/9th Generation Intel® CoreTM Processors, LGA 1151
- Xeon E-2278GE 8C/16CT 3.3GHz 16MB Cache, TDP 80W, with ECC with C246 PCH
- Xeon E-2278GEL 8C/16CT 2.0GHz 16MB Cache, TDP 35W, with ECC with C246 PCH
- Intel® Core™ i7-9700TE 8C/8T 1.8GHz 12MB cache, TDP 35W with Q370PCH
- Intel® Core™ i7-8700T 6C/12T 2.4GHz 12MB cache, TDP 35W with Q370PCH
- Intel® Core™ i7-9700E 8C/8T 2.6GHz 12MB cache, TDP 65W with Q370PCH
- Intel® Core™ i5-9500TE 6C/6T 2.2GHz 9MB cache, TDP 35W with Q370PCH
- Intel® Core™ i3-9100TE 4C/4T 2.2GHz 6MB cache, TDP 35W with ECC with C246PCH
Chipset
Intel® C246/Q370 Chipset
Memory
Dual Channel DDR4 2666/2400 MHz by SODIMMs up to 64GB
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Graphics
GPU
Support MXM 3.1 Type A &B: T3000, GTX 1050ti, GTX1060, GTX1070 GPU modules
Maximum Package power 120W, inrush current 150W
PCIe x16
Display
1 x VGA (display out by DB15 connector)
1 x HDMI (with screw lock)
1 x DP++ (Standard Display Port Connector DIP
type with screw lock) support NIVIDIA Optimus
technology
VGA: resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
DP++: resolution up to 4096x2304 @ 60Hz
STORAGE
External
4 x Swappable 2.5” Storage Bay with Lock.
Supports 7mm SSD devices
EXPANSION
Interface
1 x Half-size Mini PCIe for WiFi/BT Modules, with PCIe x1 & USB signal
2 x Full-size Mini PCIe support PCIe x1 & USB 2.0 signal with SIM of each (All SIM Cards can be
external accessible with cover against vibration)
1 x M.2 B key support PCIe x1, USB2.0, USB3.0 singals with SIM slot (SIM card can be external
accessible with cover)
1 x M.2 2280 M key supports 2242, 2260 & 2280 devices (PCIe x4 & SATA signal, support boot up
function)
ETHERNET
Controller
5 x Intel® I210IT NIC (10/100/1000Mbps)
1 x Intel® I219LM PHY (10/100/1000Mbps)
Interface
2 x RJ45 GbE
4 x M12 802.3af 15W PoE ports
LED
Indicators
1 x Power LED (Green)
5 x Storage LED (Red)
4 x POE LED
FRONT I/O
Ethernet
2 x GbE (RJ-45) support Wake on Lan
Serial
2 x High speed full RS-232/422/485 by 2x DB-9
DIO
2 x Isolated 8bits DIO port by 2x DB-15 female connectors
Supports 8 DI & 8 DO
2KV isolation
Display
1 x VGA display out by DB15 connector
USB
4 x USB 3.0 (type A)
Power-in
1 x 6Pins 5.0mm Terminal Block
POE
4 x RJ45 802.3af POE by XCT7-4POE
Support 802.11af, max 15.4W (PSE side)
NOT support wake on Lan
REAR I/O
USB
2 x USB 2.0 (type A)
Display
1 x HDMI
1 x DP++
Audio
1 x Mic-in
1 x Line-out
by 3.5mm 3P Phone Jack
Buttons
1 x Power Button
1 x Reset Button
SIM
3 x SIM sockets (external accessible with cover)
Antenna Holes
7 x SMA type antenna hole for GNSS, WWAN/LTE MIMO, WLAN/ BT MIMO, 5G
WATCHDOG
TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM 2.0
POWER
Type
+12VDC (9~36V), +24VDC(14.4~33.6)
+12V and +24V compliant to eMark with power ignition function
Reverse polarity protection
Connector
6 pin 5.0mm Terminal Block
OS SUPPORT
OS Support
Windows 10 IoT Enterprise 64 Bit
Ubuntu 18.04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com