Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC300-CS Datasheet(PDF) 1 Page - DFI Inc

Part # VC300-CS
Description  AI-Enabled In-Vehicle Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC300-CS Datasheet(HTML) 1 Page - DFI Inc

  VC300-CS Datasheet HTML 1Page - DFI Inc VC300-CS Datasheet HTML 2Page - DFI Inc VC300-CS Datasheet HTML 3Page - DFI Inc VC300-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8th/9th Gen Intel® CoreTM
AI-Enabled In-Vehicle Embedded System
VC300-CS
KEY FEATURES
High Performance CPU
Intel® Coffee Lake Xeon/Core i7 processor
AI Accelerated
Up to 110W GPU MXM module supported
Four 802.3af POE Ports
4 x RJ45 type PoE ports at 15W
Support 5G Communication
Support 5G communication
Scalability
Multiple expansion slots for 3G/LTE/5G cellular
support
Front View
PANEL
C246
Q370
COMING SOON
Rear View
Wide-Temperature
-25°C to 70°C operation without active fan
USB 2.0
GbE1~2
DP++
HDMI
USB 3.0 VGA
COM
DC-in 50~137V
POE
Power Button
5G
DIO
Line-out Mic-in
SSD 1~4


Similar Part No. - VC300-CS

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VC30 NJSEMI-VC30 Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
VC30X NJSEMI-VC30X Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
logo
France Joint
VC30X37X4 FRANCEJOINT-VC30X37X4 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
VC30X40X7 FRANCEJOINT-VC30X40X7 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
VC30X42X5 FRANCEJOINT-VC30X42X5 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
More results

Similar Description - VC300-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RC300-CS DFI-RC300-CS Datasheet
1Mb / 5P
AI-Enabled Railway Embedded System
VC70B-KU DFI-VC70B-KU Datasheet
1Mb / 4P
Fanless In-Vehicle System
logo
Adlink Technology Inc.
MVP-5100-MXM ADLINK-MVP-5100-MXM Datasheet
443Kb / 2P
Embedded GPU/AI Platforms
logo
AAEON Technology
BOXER-8230AI AAEON-BOXER-8230AI Datasheet
631Kb / 2P
AI@Edge Compact Fanless Embedded AI System with NVIDIA® Jetson™ TX2 NX
2022/12/14
BOXER-8251AI AAEON-BOXER-8251AI Datasheet
543Kb / 2P
AI@Edge Compact Fanless Embedded AI System with NVIDIA Jetson Xavier NX
2023/05/12
BOXER-8256AI AAEON-BOXER-8256AI Datasheet
424Kb / 2P
AI@Edge Fanless Embedded AI System with NVIDIA Jetson Xavier NX, HDMI Input x4
2023/03/01
BOXER-8621AI AAEON-BOXER-8621AI Datasheet
268Kb / 1P
AI@Edge Compact Fanless Embedded AI System with NVIDIA® Jetson Orin Nano™
2023/03/20
BOXER-8640AI AAEON-BOXER-8640AI Datasheet
477Kb / 2P
AI@Edge Fanless Embedded AI System with NVIDIA® Jetson AGX Orin™ 32GB
2023/05/16
BOXER-8653AI AAEON-BOXER-8653AI Datasheet
73Kb / 1P
AI@Edge Compact Fanless Embedded AI System with NVIDIA Orin NX
2023/02/07
logo
Advantech Co., Ltd.
MIC-715-NX ADVANTECH-MIC-715-NX Datasheet
806Kb / 2P
Ruggedized In-Vehicle AI Fanless System Based on NVIDIA® Jetson Xavier™ NX
19-May-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com