Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC300-CS Datasheet(PDF) 4 Page - DFI Inc

Part # VC300-CS
Description  AI-Enabled In-Vehicle Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC300-CS Datasheet(HTML) 4 Page - DFI Inc

  VC300-CS Datasheet HTML 1Page - DFI Inc VC300-CS Datasheet HTML 2Page - DFI Inc VC300-CS Datasheet HTML 3Page - DFI Inc VC300-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
1 VC300-CS system unit
1 Power connector
1 Mounting Bracket
PACKING LIST
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © September 14, 2020 DFI Inc.
MECHANISM
Construction
Metal + Aluminum
Mounting
Wall Mount
Dimensions (W x H x D)
340.5(W) x 223(D) x 132(H) mm (3U height, excluding rubber foot)
Weight
9.85 kg
ENVIRONMENT
Operating Temperature
-25°C to 70°C with when CPU+GPU<100W, up to +85°C for 10min
-25°C to 55°C with when CPU+GPU<160W, up to +70°C for 10min
CPU throttling at high temperature is acceptable
Storage Temperature
-40 to 85°C
Relative Humidity
10% to 90% (non-condensing)
STANDARDS
AND
CERTIFICATIONS
Shock (SSD/HDD)
EN61373: 2010, Category 1 Class A & Class B
Vibration
EN61373: 2010, Category 1 Class B
IP rating
IP40
Certification
CE, FCC Class B (Tested with Adapter)
E-Mark
Safety: EN50153, EN50124-1
Fire Proof: EN45545
SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com