Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC1212TR-SBDCR-R11 Datasheet(PDF) 2 Page - DFI Inc

Part # TPC1212TR-SBDCR-R11
Description  12.1 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC1212TR-SBDCR-R11 Datasheet(HTML) 2 Page - DFI Inc

  TPC1212TR-SBDCR-R11 Datasheet HTML 1Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 2Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 3Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPC121
Specifications
3rd/2nd Gen Intel® CoreTM
12.1" Heavy Industrial Touch Panel PC
PROCESSOR SYSTEM
• Processors:
- 3rd generation Intel® CoreTM processors
- 2nd generation Intel® CoreTM processors
- Supports up to 65W TDP
• Intel H61 Express chipset
MEMORY
• Two DDR3 1333/1600MHz SODIMM sockets (3rd generation processors)
Two DDR3 1066/1333MHz SODIMM sockets (2nd generation processors)
• Supports up to 16GB system memory
LCD and TOUCH SCREEN
• 12.1” 1024x768 TFT LCD panel with touch screen
• Supports 5-wire Resistive Touch
• 30,000 MTBF LED backlight
• Brightness (cd/m²): 500
GRAPHICS
• Intel® HD Graphics
• Display ports: HDMI and DVI-I
• HDMI and DVI-I display resolution up to 1920x1200
STORAGE
• 1 2.5" SATA drive bay
- SATA 2.0 port with data transfer rate up to 3Gb/s
• 1 optical drive bay*
ETHERNET
• 1 Intel® W82579LM Gigabit Ethernet controller
• 1 Intel® W82574L Gigabit Ethernet controller
AUDIO
• Realtek ALC886 5.1-channel High Definition Audio
• Two 3W speakers (left and right sides)
COM
• 1 RS232/422/485 COM port
• 1 RS232 COM port
USB
• 2 Type A USB 2.0/1.1 ports at the front panel
• 4 Type A USB 2.0/1.1 ports at the bottom
I/O
• Front
- 2 Type A USB 2.0/1.1 ports
- 5 function keys: power, volume, and brightness
- 3 LED indicators: Power, HDD, Alarm
- 1 built-in antenna
• Bottom
- 1 DB-9 RS232/422/485 COM
- 1 DB-9 RS232 COM
- 1 PS/2 keyboard
- 1 PS/2 mouse
- 4 Type A USB 2.0/1.1
- 3 audio jacks: Mic-in, Line-in, Line-out
- 2 RJ45 LAN with LEDs
- 1 DVI-I
- 1 HDMI
- 1 power switch
- 1 +19V DC-in jack or 16-30V 3-pole terminal block
EXPANSION
• 1 PCIe x1 and 1 PCI (X100-3PE2)
• 2 PCI (X100-2P1M)
• 2 Mini PCIe
- Supports half size Mini PCIe card (PCIe/USB on board)
- Supports full size Mini PCIe card (PCIe on X100-3PE2)
POWER
• Power input voltage
- Standard: 19~24V DC-in jack
- Option: 24V DC-in 3-pole terminal block
COOLING SYSTEM
• Smart fan system control suitable for quiet environments
ENVIRONMENT
• Temperature
- Operating: -10oC ~ 50oC
- Storage: -20oC ~ 60oC
• Relative Humidity
- 90% RH at 50oC, 1 week
• Corrosion
- 4 periods of 7 days at 50oC with 90-95% relative humidity after 2 hours salt
spray or waiver
VIBRATION
• Operating: 1G, 5~500Hz
• Non-operating: 1.5G, 5~25Hz
• IEC 68-2-64 compliant
SHOCK
• Operating: 3G peak acceleration (11 msec. duration)
• Non-operating: 10G peak acceleration (11 msec. duration)
• IEC 68-2-27 compliant
FRONT PANEL PROTECTION
• IP65 (Dust Tight; Water Proof protection)
CONSTRUCTION
• Aluminum front bezel
• Rear panel: sheet metal
MOUNTING
• VESA mount: 75x75 and 100x100
• Wall mount bracket*
• Panel mount: mounting clamp*
DIMENSIONS
• 345mm x 265mm x 103mm (W x H x D)
WEIGHT
• 6.5 kg
OS SUPPORT
• Windows XP, WES 2009, POSReady 2009, Windows 7, WES 7
• Linux (Distribution available upon request)
CERTIFICATION
• CE
• FCC Class A
• RoHS
* Optional and is not supported in standard model. Please contact your sales representative for more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com