Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC1212TR-SBDCR-R11 Datasheet(PDF) 4 Page - DFI Inc

Part # TPC1212TR-SBDCR-R11
Description  12.1 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC1212TR-SBDCR-R11 Datasheet(HTML) 4 Page - DFI Inc

  TPC1212TR-SBDCR-R11 Datasheet HTML 1Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 2Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 3Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPC121
3rd/2nd Gen Intel® CoreTM
12.1" Heavy Industrial Touch Panel PC
Packing List
• 1 TPC121 Touch Panel PC
• 1 120W power adapter
(only for TPC-1212TR-SBDCR-R10, TPC1212TR-SBDCR-R11)
• 1 Quick Installation Guide
• 1 CD disk includes driver/manual
Ordering Information
Model Name
Part Number
Description
TPC1212TR-SBDCR-R10
750-TPC121-000G 12.1" Panel PC, H61 chipset, Aluminum Front Bezel, Resistive Touch,
DC input, 1 PCIe x1, 1 PCI, 2 Mini PCIe
TPC1212TR-SBDCMR-R10 750-TPC121-010G 12.1" Panel PC, H61 chipset, Aluminum Front Bezel, Resistive Touch,
terminal block DC input, 1 PCIe x1, 1 PCI, 2 Mini PCIe
TPC1212TR-SBDCR-R11
750-TPC121-600G 12.1" Panel PC, H61 chipset, Aluminum Front Bezel, Resistive Touch,
DC input, 2 PCI, 2 Mini PCIe
TPC1212TR-SBDCMR-R11 750-TPC121-610G 12.1" Panel PC, H61 chipset, Aluminum Front Bezel, Resistive Touch,
terminal block DC input, 2 PCI, 2 Mini PCIe
Optional Items
Optional Items
Part Number
Description
CPU
785-CP1155DL
CPU, LGA 1155, Long-term support, RoHS
Memory
785-RSOD38G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L),
8GB, RoHS
785-RSOD34G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L),
4GB, RoHS
785-RSOD32G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L),
2GB, RoHS
785-RSOD31G
SODIMM, DDR3 Module, 1GB, RoHS
HDD
785-H25500G
2.5” SATA HDD, 500GB, RoHS
785-H25320G
2.5” SATA HDD, 320GB, RoHS
Wi-Fi
761-110091-000G Wi-Fi kit, RoHS
Power Cord
785-PWRD
Power cord, Standards (USA/EUR/CH), 1.8m, RoHS
Wall Mount
785-PPCWMK
Standard Panel PC Wall Mount kit
Panel Mount
785-121PMK
12.1" Panel PC Panel Mount kit
DVD-ROM
785-STDDRW
Slim Type SATA DVD-RW/DVD ROM
CD-RW ROM
785-STCDRW
Slim Type SATA CD-RW/DVD ROM
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © April 24, 2019 DFI Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com