Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC1212TR-SBDCR-R11 Datasheet(PDF) 3 Page - DFI Inc

Part # TPC1212TR-SBDCR-R11
Description  12.1 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC1212TR-SBDCR-R11 Datasheet(HTML) 3 Page - DFI Inc

  TPC1212TR-SBDCR-R11 Datasheet HTML 1Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 2Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 3Page - DFI Inc TPC1212TR-SBDCR-R11 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPC121
3rd/2nd Gen Intel® CoreTM
12.1" Heavy Industrial Touch Panel PC
Dimensions
Wall Mounting
Panel Mounting
345.00
248.50
6.00
103.00
34.00
90.00
270.00
75.00
100.00
90.00
270.00
Bottom View
Right View
Left View
Top View
Front View
241.00
321.00
Suggested cut out size
(The flat panel thickness is less than 10mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com