Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSST Datasheet(PDF) 1 Page - Silicom Ltd.

Part # PBSST
Description  Gigabit Copper Bypass Switch Stand Alone Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PBSST Datasheet(HTML) 1 Page - Silicom Ltd.

  PBSST Datasheet HTML 1Page - Silicom Ltd. PBSST Datasheet HTML 2Page - Silicom Ltd. PBSST Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
PBSST
Gigabit Copper Bypass Switch Stand Alone Unit
Product Description
Silicom PBSST is external Bypass switches for Gigabit Copper Ethernet
networks. The Silicom Bypass switch protects from network failures and
Network maintenance by ensuring network integrity during power loss.
Silicom Bypass switch includes Network ports, Monitor ports and control port.
The Network ports are used to connect to Switch / Router Network
connections. The Monitor ports are used for an in-line networking device. The
control port is used to control the mode of the Bypass switch. On power on, the mode of the Bypass switch is set to Normal, on
power lose, the mode of the Bypass switch is set to Bypass
Functional Description
In Normal mode, the Bypass switch diverts the data from the Network ports data to the Monitor ports.
Figure: 1
– Normal Mode Functional Block Diagram
In Bypass mode, the Network data traffic routed directly to the other Network port and the Monitor data traffic routed directly to the
other Monitor port
Figure: 2
– Bypass Mode Functional Block Diagram


Similar Part No. - PBSST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS2515 PHILIPS-PBSS2515 Datasheet
69Kb / 12P
15 V low VCEsat NPN double transistor
2001 Nov 07
PBSS2515E NXP-PBSS2515E Datasheet
128Kb / 12P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02-21 April 2009
logo
Nexperia B.V. All right...
PBSS2515E NEXPERIA-PBSS2515E Datasheet
242Kb / 13P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 April 2009
logo
NXP Semiconductors
PBSS2515F PHILIPS-PBSS2515F Datasheet
66Kb / 8P
15 V low VCEsat NPN transistor
2001 Sep 21
PBSS2515M NXP-PBSS2515M Datasheet
151Kb / 9P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
More results

Similar Description - PBSST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
Stand-alone OSD
1995 Mar 30
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
Stand-alone Board
logo
Silicom Ltd.
IBSGP-T SILICOM-IBSGP-T Datasheet
448Kb / 6P
Gigabit Copper Intelligent Bypass Switch
PBSSF-S-R SILICOM-PBSSF-S-R Datasheet
421Kb / 4P
10 /1 Gigabit (SM) Fiber Bypass Switch Stand Alone Unit
PBSSF-M50 SILICOM-PBSSF-M50 Datasheet
442Kb / 4P
10 /1 Gigabit (MM) Fiber Bypass Switch Stand Alone Unit
TAPSF-M SILICOM-TAPSF-M Datasheet
448Kb / 3P
10 /1 Gigabit (MM) Fiber TAP Stand Alone Unit
TAPSF-S SILICOM-TAPSF-S Datasheet
376Kb / 3P
10 /1 Gigabit (SM) Fiber TAP Stand Alone Unit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com