Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKP385E14740API2W0 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # MKP385E14740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E14740API2W0 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button MKP385E14740API2W0 Datasheet HTML 9Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 10Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 11Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 12Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 13Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 14Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 15Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 16Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
13
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For the minimum product dimensions for length (lmin.), width (wmin.), and height (hmin.) following tolerances of the components
are valid:
lmin. = l - l, wmin. = w - w, and hmin. = h - h following
For products with pitch = 15 mm,
l = 0.5 mm and w = h = 0.5 mm
For products with 15 mm < pitch < 27.5 mm,
l = 1.0 mm and w = h = 0.5 mm
For products with pitch = 27.5 mm,
w = l = h = 1.0 mm
For products with pitch = 37.5 mm and 52.5 mm.
w = l = 0.7 mm and h = 0.5 mm
SOLDERING CONDITIONS
For general soldering conditions and wave soldering profile we refer to the document “Soldering Conditions Vishay Film
Capacitors”: www.vishay.com/doc?28171
STORAGE TEMPERATURE
Tstg = -25 °C to +35 °C with RH maximum 75 % without condensation.
RATINGS AND CHARACTERISTICS REFERENCE CONDITIONS
Unless otherwise specified, all electrical values apply to an ambient free temperature of 23 °C ± 1 °C, an atmospheric pressure
of 86 kPa to 106 kPa, and a relative humidity of 50 % ± 2 %.
For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
CHARACTERISTICS
Capacitance as a function of ambient temperature (typical curve)
(1 kHz)
Max. DC and AC voltage as a function of temperature
Eccentricity
w
max. = w + Δ
h
max. = h + Δ
I
max. = I + Δ
Seating plane
10
100
1000
10000
-6
-5
-4
-3
-2
-1
0
1
2
3
4
-60 -40 -20
0
20
40
60
80
100 120
Axis Title
Ambient Temperature (°C)
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1.0
1.2
-60
-20
20
60
100
140
Axis Title
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com