Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKP385E14740API2W0 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP385E14740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E14740API2W0 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP385E14740API2W0 Datasheet HTML 1Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 2Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 3Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 4Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 5Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
3
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Notes
• For detailed tape specifications refer to packaging information www.vishay.com/doc?28139
(1) Capacitors with short leads up to 5 mm and pitch > 15 mm will be in tray and asking code will be “T”
Note
(1) | F-F' | < 0.3 mm
F = 7.5 mm + 0.6 mm / - 0.1 mm
Ø dt = 0.80 mm ± 10 % for P < 37.5 mm and Ø dt = 0.95 mm ± 10 % for P  37.5 mm
DIMENSIONS in millimeters
1 2 3 4 5 6 7
M K P 3 8 5 e
8
1
9 10
4
7
11 12
2
A
13
K
14
F
15
[1]
16
2
17
[2]
18
0
J
± 5 %
K
± 10 %
A
Special tolerance
B/T
W
Bulk/loose
(1)
Tape and reel (H: 18.5 mm; 500 mm)
Excluding bent back
Pitch 15 mm to 22.5 mm
Packing Code
Packing Style
Remark
0: space holder
It (mm)
Lead Length Code
3.5 ± 0.3
P
All
5 ± 1
M
All
25 ± 2
I
≤ 27.5
Pitch (mm)
Tolerance
Capacitance Code
(numerically)
Type
2 pins
2
4
5
(#)
4 pins P
2 = 10.2 mm
4 pins P
2 = 20.3 mm
Customized
Special Code for Terminal
0.01
0.1
1
10
100
1000
1
2
3
4
5
6
Multiplier (nF)
10
2
3
4
5
6
10
10
10
10
1 nF
10 nF
100 nF
1000 nF
10 000 nF
0.001 μF
0.01 μF
0.1 μF
1.0 μF
10.0 μF
15
22.5
27.5
37.5
P1 (mm)
F
I
K
Y
37.5
52.5
P
Pitch Code
0 = standard
Other = special
Special
40 = 400
63 = 630
85 = 850
10 = 1000
1A = 1600
12 = 1250
2A = 2000
2B = 2500
Voltage (VDC)
Example for C-Code
w
Ø d
t
l
P
h
l
t
l
h h'
w
Ø d
t
H
F
10
F'
(1)
15
I
P
2 ± 0.5
Ø d
t
Marking
P
1 ± 0.5
6 -2
h
w
CBB511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com