Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKP385E14740API2W0 Datasheet(PDF) 23 Page - Vishay Siliconix

Part # MKP385E14740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E14740API2W0 Datasheet(HTML) 23 Page - Vishay Siliconix

Back Button MKP385E14740API2W0 Datasheet HTML 19Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 20Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 21Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 22Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 23Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 24Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 25Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 26Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 27Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
23
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C1B OTHER PART OF SAMPLE
OF SUB-GROUP C1
4.7.
Vibration
Mounting: see section “Mounting” for
more information
Procedure B4
Frequency range: 10 Hz to 55 Hz.
Amplitude: 0.75 mm or
acceleration 98 m/s2
(whichever is less severe)
Total duration 6 h.
4.7.2
Final inspection
Visual examination
Mounting: see section “Mounting” for
more information
No visible damage
4.9
Shock
Pulse shape: half sine
Acceleration: 490 m/s2
Duration of pulse: 11 ms
4.9.3
Final measurements
Visual examination
No visible damage
Capacitance
l
C/Cl ≤ 2 % of the value measured in 4.6.1.
Tangent of loss angle
Increase of tan
:  0.0005
 0.0005 for: C  100 nF at 100 kHz 
 0.0010 for: 100 nF < C  470 nF at 100 kHz
 0.0015 for: 470 nF < C  1 μF at 100 kHz
 0.0015 for: 1 μF < C  10 μF at 10 kHz
Compared to values measured in 4.6.1
Insulation resistance
As specified in section “Insulation
Resistance” of this specification.
SUB-GROUP C1
COMBINED SAMPLE OF SPECIMENS OF
SUB-GROUPS C1A AND C1B
4.10
Climatic sequence
4.10.2
Dry heat
Temperature +105 °C
Duration: 16 h
4.10.3
Damp heat cyclic
Test Db, first cycle
4.10.4
Cold
Temperature: -40 °C
Duration: 2 h
4.10.6
Damp heat cyclic
Test Db remaining cycles
4.10.6.2 Final measurements
Voltage proof = URDC for 1 min within
15 min after removal from test chamber
No breakdown or flashover
Visual examination
No visible damage
Legible marking
Capacitance
l
C/Cl  2 % of the value measured in 4.4.2
or 4.9.3
Tangent of loss angle
Increase of tan
:
 0.0005 for: C  100 nF at 100 kHz
 0.0010 for: 100 nF < C  470 nF at 100 kHz
 0.0015 for: 470 nF < C  1 μF at 100 kHz
 0.0015 for: 1 μF < C  10 μF at 10 kHz
Compared to values measured in 4.3.1
or 4.6.1
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification.
IEC 60384-17 - FIXED METALLIZED POLYPROPYLENE FILM DIELECTRIC AC AND PULSE
CAPACITORS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com