Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903B
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2903B Datasheet(HTML) 1 Page - Texas Instruments

  LM2903B Datasheet HTML 1Page - Texas Instruments LM2903B Datasheet HTML 2Page - Texas Instruments LM2903B Datasheet HTML 3Page - Texas Instruments LM2903B Datasheet HTML 4Page - Texas Instruments LM2903B Datasheet HTML 5Page - Texas Instruments LM2903B Datasheet HTML 6Page - Texas Instruments LM2903B Datasheet HTML 7Page - Texas Instruments LM2903B Datasheet HTML 8Page - Texas Instruments LM2903B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
1 Features
• NEW LM393B and LM2903B
• Improved specifications of B-version
– Maximum rating: up to 38 V
– ESD rating (HBM): 2k V
– Low input offset: 0.37 mV
– Low input bias current: 3.5 nA
– Low supply-current: 200 µA per comparator
– Faster response time of 1 µsec
– Extended temperature range for LM393B
– Available in tiny 2 x 2mm WSON package
• B-version is drop-in replacement for LM293,
LM393 and LM2903, A and V versions
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximum-
rated supply voltage: ±38 V
• Low output saturation voltage
• Output compatible with TTL, MOS, and CMOS
2 Applications
• Vacuum robot
• Single phase UPS
• Server PSU
• Cordless power tool
• Wireless Infrastructure
• Applicances
• Building Automation
• Factory automation & control
• Motor drives
• Infotainment & cluster
3 Description
The LM393B and LM2903B devices are the next
generation versions of the industry-standard LM393
and
LM2903
comparator
family.
These
next
generation
B-version
comparators
provide
outstanding value for cost-sensitive applications
featuring lower offset voltage, higher supply voltage
capability, lower supply current, lower input bias
current, lower propagation delay, and improved 2 kV
ESD performance and input ruggedness through
dedicated ESD clamps. The LM393B and LM2903B
can drop-in replace the LM293, LM393 and LM2903,
for both "A" and "V" grades.
All devices consist of two independent voltage
comparators that are designed to operate from a
single power supply over a wide range of voltages.
Quiescent current is independent of the supply
voltage, and the outputs can be connected to other
open-collector
outputs
to
achieve
wired-AND
relationships.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
LM393B, LM2903B,
LM193, LM293, LM293A,
LM393, LM393A, LM2903,
LM2903V, LM2903AV
SOIC (8)
4.90 mm x 3.91 mm
LM393B, LM2903B,
LM293, LM293A, LM393,
LM393A, LM2903
VSSOP (8)
3.00 mm x 3.00 mm
LM293, LM393, LM393A,
LM2903
PDIP (8)
9.81 mm × 6.35 mm
LM393, LM393A, LM2903 SO (8)
6.20 mm x 5.30 mm
LM393B, LM2903B,
LM393, LM393A, LM2903,
LM2903V, LM2903AV
TSSOP (8)
3.00 mm x 4.40 mm
LM393B
SOT-23 (8)
2.90 mm x 1.60 mm
LM393B, LM2903B
WSON (8)
2.00 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
www.ti.com
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2903B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903B TI1-LM2903B Datasheet
1Mb / 40P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903B TI1-LM2903B Datasheet
1Mb / 46P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903B TI1-LM2903B Datasheet
1Mb / 32P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903B TI-LM2903B Datasheet
2Mb / 49P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM2903B TI-LM2903B Datasheet
1Mb / 33P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
More results

Similar Description - LM2903B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193 TI1-LM193_V02 Datasheet
1Mb / 46P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM393B TI-LM393B Datasheet
2Mb / 49P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V01 Datasheet
2Mb / 50P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V03 Datasheet
2Mb / 37P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com