Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903B Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903B
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2903B Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2903B Datasheet HTML 8Page - Texas Instruments LM2903B Datasheet HTML 9Page - Texas Instruments LM2903B Datasheet HTML 10Page - Texas Instruments LM2903B Datasheet HTML 11Page - Texas Instruments LM2903B Datasheet HTML 12Page - Texas Instruments LM2903B Datasheet HTML 13Page - Texas Instruments LM2903B Datasheet HTML 14Page - Texas Instruments LM2903B Datasheet HTML 15Page - Texas Instruments LM2903B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
7.14 Typical Characteristics, LMx93, LM2903 (all 'V' and 'A' suffixes)
TA= 25°C, VS= 5V, RPULLUP=5.1k, CL = 15 pF, VCM=0V unless otherwise noted.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
Figure 7-1. Supply Current vs Supply Voltage
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
Figure 7-2. Input Bias Current vs Supply Voltage
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
IO – Output Sink Current – mA
T = –55°C
A
T = 25°C
A
T = 125°C
A
Figure 7-3. Output Saturation Voltage
-1
0
1
2
3
4
5
6
-0.3
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25
t – Time – µs
Overdrive = 5 mV
Overdrive = 100 mV
Overdrive = 20 mV
Figure 7-4. Response Time for Various Overdrives
Negative Transition
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com