Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903B
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2903B Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2903B Datasheet HTML 7Page - Texas Instruments LM2903B Datasheet HTML 8Page - Texas Instruments LM2903B Datasheet HTML 9Page - Texas Instruments LM2903B Datasheet HTML 10Page - Texas Instruments LM2903B Datasheet HTML 11Page - Texas Instruments LM2903B Datasheet HTML 12Page - Texas Instruments LM2903B Datasheet HTML 13Page - Texas Instruments LM2903B Datasheet HTML 14Page - Texas Instruments LM2903B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
7.12 Electrical Characteristics for LM2903, LM2903V, and LM2903AV
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA (1)
LM2903, LM2903V
LM2903AV
UNIT
MIN
TYP MAX
MIN
TYP MAX
VIO
Input offset voltage
VCC = 5 V to MAX(2) ,
VO = 1.4 V,
VIC = VICR(min),
25°C
2
7
1
2
mV
Full range
15
4
IIO
Input offset current
VO = 1.4 V
25°C
5
50
5
50
nA
Full range
200
200
IIB
Input bias current
VO = 1.4 V
25°C
–25 –250
–25 –250
nA
Full range
–500
–500
VICR
Common-mode input-
voltage range(3)
25°C
0 to
VCC – 1.5
0 to
VCC – 1.5
V
Full range
0 to
VCC – 2
0 to
VCC – 2
AVD
Large-signal differential-
voltage amplification
VCC = 15 V, VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25°C
25
100
25
100
V/mV
IOH
High-level output current
VOH = 5 V,
VID = 1 V
25°C
0.1
50
0.1
50
nA
VOH = VCC MAX(2),
VID = 1 V
Full range
1
1
µA
VOL
Low-level output voltage
IOL = 4 mA,
VID = –1 V,
25°C
150
400
150
400
mV
Full range
700
700
IOL
Low-level output current
VOL = 1.5 V,
VID = –1 V
25°C
6
6
mA
ICC
Supply current
RL = ∞
VCC = 5 V
25°C
0.8
1
0.8
1
mA
VCC = MAX
Full range
2.5
2.5
(1)
Full range (minimum or maximum) for LM2903 is –40°C to 125°C. All characteristics are measured with zero common-mode input
voltage, unless otherwise specified.
(2)
VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices.
(3)
The voltage at either input should not be allowed to go negative by more than 0.3 V otherwise output may be incorrect and excessive
input current can flow. The upper end of the common-mode voltage range is limited by VCC – 2V. However only one input needs to be
in the valid common mode range, the other input can go up the maximum VCC level and the comparator provides a proper output state.
Either or both inputs can go to maximum VCC level without damage.
7.13 Switching Characteristics: LM193, LM239, LM393, LM2903, all 'A' and 'V' versions
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF(1) (2)
100-mV input step with 5-mV overdrive
1.3
µs
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
www.ti.com
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com