Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM293
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM293 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM293 Datasheet HTML 2Page - Texas Instruments LM293 Datasheet HTML 3Page - Texas Instruments LM293 Datasheet HTML 4Page - Texas Instruments LM293 Datasheet HTML 5Page - Texas Instruments LM293 Datasheet HTML 6Page - Texas Instruments LM293 Datasheet HTML 7Page - Texas Instruments LM293 Datasheet HTML 8Page - Texas Instruments LM293 Datasheet HTML 9Page - Texas Instruments LM293 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
non-V devices
2
30
V
V devices
2
32
"B" version devices
3
36
Input voltage range, VIVR
non-B devices
0
(V+) – 2.0
V
"B" version devices
–0.1
Ambient temperature, TA
LM193
–55
125
°C
LM2903, LM2903V, LM2903AV, LM2903B
–40
125
LM393B
–40
85
LM293, LM293A
–25
85
LM393, LM393A
0
70
7.4 Thermal Information: LM193
THERMAL METRIC(1)
LM193
UNIT
D
(SOIC)
8 pin
RθJA
Junction-to-ambient thermal resistance
126.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70
°C/W
RθJB
Junction-to-board thermal resistance
64.9
°C/W
ψJT
Junction-to-top characterization parameter
20.3
°C/W
ψJB
Junction-to-board characterization parameter
64.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Thermal Information: LM293, LM393, LM2903 (all 'V' and 'A' suffixes)
THERMAL METRIC(1)
LM293, LM393, LM2903
UNIT
D
(SOIC)
DGK
(VSSOP)
P
(PDIP)
PS
(SO)
PW
(TSSOP)
8 pin
8 pin
8 pin
8 pin
8 pin
RθJA
Junction-to-ambient thermal resistance
131.8
199.4
73.7
139
194.1
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
78.4
90.2
62.6
98.9
77.0
°C/W
RθJB
Junction-to-board thermal resistance
72.2
120.8
50.8
83.7
123.0
°C/W
ψJT
Junction-to-top characterization parameter
26.5
21.5
39.2
47.4
13.1
°C/W
ψJB
Junction-to-board characterization parameter
71.1
119.1
50.7
83
121.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com