Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM293
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM293 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM293 Datasheet HTML 3Page - Texas Instruments LM293 Datasheet HTML 4Page - Texas Instruments LM293 Datasheet HTML 5Page - Texas Instruments LM293 Datasheet HTML 6Page - Texas Instruments LM293 Datasheet HTML 7Page - Texas Instruments LM293 Datasheet HTML 8Page - Texas Instruments LM293 Datasheet HTML 9Page - Texas Instruments LM293 Datasheet HTML 10Page - Texas Instruments LM293 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7.6 Thermal Information: LM393B and LM2903B
THERMAL METRIC(1)
LM393B, LM2903B
UNIT
D
(SOIC)
PW
(TSSOP)
DGK
(VSSOP)
DDF
(SOT-23)
DSG
(WSON)
8 pin
8 pin
8 pin
8 pin
8 pins
RθJA
Junction-to-ambient thermal resistance
148.5
200.6
193.7
197.9
96.9
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
90.2
89.6
82.9
119.2
119.0
°C/W
RθJB
Junction-to-board thermal resistance
91.8
131.3
115.5
115.4
63.1
°C/W
ψJT
Junction-to-top characterization parameter
38.5
22.1
20.8
19.4
12.4
°C/W
ψJB
Junction-to-board characterization parameter
91.1
129.6
113.9
113.7
63.0
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
-
-
-
-
37.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.7 Electrical Characteristics LM393B
VS = 5 V, VCM = (V–) ; TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VS = 5 to 36V
–2.5
±0.37
2.5
mV
VS = 5 to 36V, TA = –40°C to +85°C
–4
4
IB
Input bias current
–3.5
–25
nA
TA = –40°C to +85°C
–50
nA
IOS
Input offset current
–10
±0.5
10
nA
TA = –40°C to +85°C
–25
25
nA
VCM
Common mode range
VS = 3 to 36V
(V–)
(V+) – 1.5
V
VCM
Common mode range
VS = 3 to 36V, TA = –40°C to +85°C
(V–)
(V+) – 2.0
V
AVD
Large signal differential voltage
amplification
VS = 15V, VO = 1.4V to 11.4V;
RL ≥ 15k to (V+)
50
200
V/mV
VOL
Low level output Voltage {swing
from (V–)}
ISINK ≤ 4mA, VID = -1V
110
400
mV
ISINK ≤ 4mA, VID = -1V
TA = –40°C to +85°C
550
mV
IOH-LKG
High-level output leakage current
(V+) = VO = 5 V; VID = 1V
0.1
20
nA
(V+) = VO = 36V; VID = 1V
0.3
50
nA
IOL
Low level output current
VOL = 1.5V; VID = -1V; VS = 5V
6
21
mA
IQ
Quiescent current (all comparators)
VS = 5 V, no load
400
600
µA
VS = 36 V, no load, TA = –40°C to +85°C
550
800
µA
www.ti.com
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com