Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM293
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM293 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM293 Datasheet HTML 9Page - Texas Instruments LM293 Datasheet HTML 10Page - Texas Instruments LM293 Datasheet HTML 11Page - Texas Instruments LM293 Datasheet HTML 12Page - Texas Instruments LM293 Datasheet HTML 13Page - Texas Instruments LM293 Datasheet HTML 14Page - Texas Instruments LM293 Datasheet HTML 15Page - Texas Instruments LM293 Datasheet HTML 16Page - Texas Instruments LM293 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
-1
0
1
2
3
4
5
6
-0.3
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25
t – Time – µs
Overdrive = 5 mV
Overdrive = 100 mV
Overdrive = 20 mV
Figure 7-5. Response Time for Various Overdrives Positive Transition
7.15 Typical Characteristics, LM393B and LM2903B
TA = 25°C, VS = 5 V, RPULLUP = 5.1k, CL = 15 pF, VCM = 0 V, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV
unless otherwise noted.
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
250
275
300
325
350
375
400
425
450
475
500
525
550
No Load, Output High
-40°C
25°C
85°C
125°C
Figure 7-6. Total Supply Current vs. Supply Voltage
Input Voltage (V)
-0.5 -0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
100
140
180
220
260
300
340
380
420
460
500
VS=3V
-40°C
0°C
25°C
85°C
125°C
Figure 7-7. Total Supply Current vs. Input Voltage
at 3V
www.ti.com
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com