Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9PC8045D-R001 Datasheet(PDF) 3 Page - SANYO DENKI CO., LTD.

Part # 9PC8045D-R001
Description  PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9PC8045D-R001 Datasheet(HTML) 3 Page - SANYO DENKI CO., LTD.

  9PC8045D-R001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 3Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 4Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
550 CATALOG No. C1097B001 '20.1.IT
PWM Controller
Output duty cycle controlled with variable resistor connected to terminals.
Box type
PCB type (Model no.: 9PC8045D-R001)
External adjustment (variable resistor) control
Variable resistor
DC power supply
+ GND
PWM signal
Variable resistor
DC power supply
+ GND
PWM signal
(%)
20
40
60
80
4
0
3
1
2
5
100
9
8
6
7
10
Resistance
(k )
Resistance -
Output Duty Cycle Characteristics
Recommended total resistance: 10 k
Resistance taper: B (linear curve tting)
Output duty cycle controlled with the adjustment knob.
Box type
Internal adjustment (variable resistor) control
Output duty cycle controlled
with the adjustment knob (on the inner scale)
DC power supply
+ GND
PWM signal
(%)
(%)
25
50
0
25
50
100
75
100
75
Inner scale reading with adjustment knob
Inner Scale Reading -
Output Duty Cycle Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com