Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9PC8045D-R001 Datasheet(PDF) 4 Page - SANYO DENKI CO., LTD.

Part # 9PC8045D-R001
Description  PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9PC8045D-R001 Datasheet(HTML) 4 Page - SANYO DENKI CO., LTD.

  9PC8045D-R001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 3Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 4Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
551
CATALOG No. C1097B001 '20.1.IT
57±0.5
66±1
36±1
39以下)
25±0.5
DINレール取付位置
00
(1.6)
80±0.5
70±0.3
ON
4-ø3.5±0.3
裏面
側面
側面
4-ø3.5±0.3
取付用穴
正面
正面
Automation control of output duty cycle in response to the temperature detected with an external thermistor.
Box type
Thermistor control
Target temperature selected
with switch
Thermistor
DC power supply
+ GND
PWM signal
Target temperature
can be set with the
adjustment knob
(on the outer scale)
Thermistor
PWM signal
DC power supply
+ GND
Controlling Conditions
Temperature
conditions
TST <TTH
TST >TTH
TST ~TTH
Duty cycle
Increases
Decreases
Maintained
Fan rotational speed
(For reference)
Increases
Decreases
Maintained
TST: Temperature set with the adjustment knob (30 to 50°C)
TTH: Temperature detected with thermistor
Recommended thermistor conditions
Type: NTC
R25 (Resistance at 25°C): 10 k
B value: B25/85 = 3435 K
PCB type (Model no.: 9PC8045D-T001)
Dimensions (unit: mm)
Box type
PCB type
Front view
Side view
Back view
Side view
Front view
(39 max.)
Mounting hole
DIN rail base section
DIN rail clip
13 max.
Temperature setting
selector switch
(Only for model no.: 9PC8045D-T001)
PWM output voltage
VOH selector switch
2.5 max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com