Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9PC8045D-R001 Datasheet(PDF) 1 Page - SANYO DENKI CO., LTD.

Part # 9PC8045D-R001
Description  PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9PC8045D-R001 Datasheet(HTML) 1 Page - SANYO DENKI CO., LTD.

  9PC8045D-R001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 3Page - SANYO DENKI CO., LTD. 9PC8045D-R001 Datasheet HTML 4Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
548 CATALOG No. C1097B001 '20.1.IT
Features
Reduces system power consumption and fan noise
For PWM fan speed control, a PWM control circuit needs to be
newly designed and configured.
By using this product, however, PWM control function fans can
be fully utilized without the need for preparing new circuits,
contributing to reducing the system power consumption and
the fan noise.
Can be common-powered by the fan power supply
The controller can be powered by the fan power supply of
rated voltage 12, 24, and 48 VDC, and no separate supply is
required.
Maximum of four fans connectable
Up to four fans with PWM control function can be connected
and controlled.
PCB type
Box type
PWM Controller
Specifications
Box type
Model no.
9PC8666X-S001
9PC8666X-S101
Size [mm]
86 (H)× 66 (W)× 38 (D)
Rated voltage [V]
12/24/48
Power consumption [W]
0.2(1)
Operating temperature [˚C]
-20 to +70
Input
terminal
Input voltage range [V] (V+,V-) 7 to 60
Control voltage range [V] 0 to 5.5
Output
terminal
PWM signal output
VOH (high level voltage): 3.3 or 5 VDC selectable
PWM frequency [kHz]
25
1
Output current
20 mA max. (total sum of 4 terminals)
Output breakdown voltage [V] 6.5
No. of connectable fans
Up to 4 fans
Control functions(2)
Voltage control, Internal adjustment (variable resistor) control,
External adjustment (variable resistor) control(3),Thermistor control(3)
Mounting method
DIN rail mounting or screw mounting
Mass [g]
110
Material
Case: Plastic
PCB type
Model no.
9PC8045D-V001 9PC8045D-R001 9PC8045D-T001 9PC8045D-V101 9PC8045D-R101 9PC8045D-T101
Size [mm]
80 (H)× 45 (W)× 17 (D)
Rated voltage [V]
12/24/48
Power consumption [W]
0.2(1)
Operating temperature [˚C]
-20 to +70
Input
terminal
Input voltage range [V] (V+,V-) 7 to 60
Control voltage range [V] 0 to 5.5
Output
terminal
PWM signal output
VOH (high level voltage): 3.3 or 5 VDC selectable
PWM frequency [kHz]
25
1
Output current
20 mA max. (total sum of 4 terminals)
Output breakdown voltage [V] 6.5
No. of connectable fans
Up to 4 fans
Control functions
Voltage control Variable resistor
control(3)
Thermistor
control(3)
Voltage control Variable resistor
control(3)
Thermistor
control(3)
Mounting method
Screw mounting
Mass [g]
27
Material
PCB: FR-4
(1) When output terminals are turned on. (2) Control functions are mutually exclusive for Box type.
(3) Variable resistor and thermistor are not supplied with the controller and need to be prepared separately.
Be noted that if applied input voltage or frequency is out of range of the connected fan, how the fan speed responds to the PWM duty cycle may be altered.


Similar Part No. - 9PC8045D-R001

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
9PCDT ADVANTECH-9PCDT Datasheet
489Kb / 2P
RS-232 Data Taps
More results

Similar Description - 9PC8045D-R001

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
PWM CONTROLLER
logo
Samsung semiconductor
KA7552 SAMSUNG-KA7552 Datasheet
90Kb / 5P
PWM CONTROLLER
logo
Princeton Technology Co...
AS2916 PTC-AS2916 Datasheet
63Kb / 8P
PWM Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
PWM Controller
logo
ON Semiconductor
FAN6605 ONSEMI-FAN6605 Datasheet
1Mb / 18P
PWM Controller
January 2015 Rev. 1.0
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
PWM Controller
Rev. 2.0.0
FAN6757 ONSEMI-FAN6757 Datasheet
1Mb / 19P
PWM Controller
Rev. 1.0.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com