Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2S8C62G-R Datasheet(PDF) 4 Page - Silicom Ltd.

Part # PE2S8C62G-R
Description  Security Protocol Processor PCI Express Server Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2S8C62G-R Datasheet(HTML) 4 Page - Silicom Ltd.

  PE2S8C62G-R Datasheet HTML 1Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 2Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 3Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
CE IEC 6100-4-6:1996
Conducted immunity (0.15-80 MHz) 3VRMS 80% A.M.
By 1kHz
CE IEC 6100-4-11:1994
Voltage Dips and Short Interruptions
V reduc >95%, 30% >95% Duration 0.5per, 25per, 250per
MTBF*:
70 years
* According to Telcordia SR-332 Issue 2. Environmental condition
– GB (Ground,
Fixed, and Controlled). Ambient temperature 40°C
Order Information
P/N
Description
Notes
PE2S8C62G-R
Security Protocol Processor PCI Express Adapter /
8 xCN1620
Based on 8 x Cavium CN1620. The adapter is
built of a long low profile PCI express card.
Model P/N -RoHS
-R: RoHS Compliant / Lead free adapter
1V2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com