Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2S8C62G-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # PE2S8C62G-R
Description  Security Protocol Processor PCI Express Server Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2S8C62G-R Datasheet(HTML) 1 Page - Silicom Ltd.

  PE2S8C62G-R Datasheet HTML 1Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 2Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 3Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
PE2S8C62G
Security Protocol Processor PCI Express Server Adapter / 8x CN1620 Cavium® Based
Product Description
The Silicom protocol processor adapter is a PCI Express server adapter that incorporates 8 Cavium Nitrox 1620 IPSec, IKE, SSL
and TLS protocol processing.
The Silicom protocol processor PCI Express adapter provides bulk cryptographic acceleration for 3DES, DES, AES and ARCFOUR
symmetric encryption algorithms, for the SHA-1 and MD5 hash algorithm, and for the HMAC-SHA-1 and HMAC-MD5 keyed
authentication algorithms. It provides public key acceleration for the RSA, DSA, and diffie-Helman asymmetric algorithms, as well
as basic Modular Math functions.
The Silicom protocol processor PCI Express adapter provides a True Random Number Generator and can use it to generate on-
chip random values for Diffie-Helman key generation and DSA signatures. The adapter is built of a long low profile PCI express
card.
The Silicom protocol processor PCI Express adapter provides combined encryption and HMAC authentication for single
authentication for single-pass IPsec processing. It also executes protocol-specific instruction to support the SSL/TLS or IPsec/IKE
security protocols.
The Silicom Protocol Processor PCI Express adapter is the ideal solution for high-end and mid-end virtual private networking
(VPN), firewall appliances and SSL-based appliances.
Key Features
Eight processors solutions that accelerate all cryptographic operations and the SSL, IPsec / IKE, and CCMP protocols.
Up to 32K 180-bit Diffie-Hellman Public Key generation (groups 1,2,5) per processor.
Up to 17K 1024-bit RSA operations/second per processor.
Up to 2.5Gbps Bulk Data Encryption + Hashing (SSL, IPSec, or CCMP) per processor.
Multi Algorithm support
o
RSA and Diffie-Helman (Groups 1,2,5)
o
DES/3DES, AES, ARCFOUR
o
MD5, SHA-1, HMAC-MD5, HMAC-SHA-1
o
AES-GCM
o
KASUMI


Similar Part No. - PE2S8C62G-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
PE2SFC293 SILICOM-PE2SFC293 Datasheet
354Kb / 4P
Security Protocol Processor PCI Express Server Adapter
PE2SFC293A SILICOM-PE2SFC293A Datasheet
354Kb / 4P
Security Protocol Processor PCI Express Server Adapter
More results

Similar Description - PE2S8C62G-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
FB2CGA10T11 SILICOM-FB2CGA10T11 Datasheet
229Kb / 2P
Programmable PCI Express Server Adapter Intel FPGA based
M1ESC62 SILICOM-M1ESC62 Datasheet
328Kb / 4P
Protocol Processor ExpressModule Server Adapter
PE2G2I35 SILICOM-PE2G2I35 Datasheet
452Kb / 5P
Dual Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2SFC293 SILICOM-PE2SFC293 Datasheet
354Kb / 4P
Security Protocol Processor PCI Express Server Adapter
PE210G2RS SILICOM-PE210G2RS Datasheet
338Kb / 6P
Dual Port 10 Gigabit PCI Express Packet Processor Server Adapter
PE3100G2DBIR SILICOM-PE3100G2DBIR Datasheet
587Kb / 10P
Ethernet PCI Express Content Director Bypass Server Adapter
PEG1F SILICOM-PEG1F Datasheet
428Kb / 6P
Fiber Gigabit Ethernet PCI Express Server Adapter
PEG4RS416 SILICOM-PEG4RS416 Datasheet
333Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Packet Processor Server Adapter
PESC61 SILICOM-PESC61 Datasheet
327Kb / 4P
Security Protocol Processor PCI Express Server Adapter
PESC62 SILICOM-PESC62 Datasheet
340Kb / 4P
Security Protocol Processor PCI Express Server Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com