Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2S8C62G-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PE2S8C62G-R
Description  Security Protocol Processor PCI Express Server Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2S8C62G-R Datasheet(HTML) 2 Page - Silicom Ltd.

  PE2S8C62G-R Datasheet HTML 1Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 2Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 3Page - Silicom Ltd. PE2S8C62G-R Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
o
SHA-256/384/512
200Mbps Random Number Generator per processor
Host Interface:
Support PCI Express Base Specification 2.0 (5 GTs)
PCI Express x8 lanes
Applications:
VPN appliances
VPN firewalls, routers and switches
Secure WEB Servers and storage
Secure Access devices
Technical Specifications
System Throughout Per Processor (Per Processor)
System Throughout values are shown below. System values represent measured, memory-to-memory, in-system throughout on an
optional platform using large buffer sizes and maximum pipelining per chip
Function
Value
Full SSL processing throughout
AES+SHA
2500 Mbp/s (per chip)
Full IPSec AES/SHA
2500 Mbp/s (per chip)
MAX Diffie-Helman (1024-bit module,
180-bit exponent)
32000 Transaction /Second (per chip)
MAX RSA 1024-bit exponent with CRT
17000 Transaction /Second (per chip)
Random Number Generator
200 Mbps (per chip)
Operating Systems Support
Operating system support:
Linux
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 2.0 ( 5 GTs)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com