Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF92 Datasheet(PDF) 1 Page - ams AG

Part # DF92
Description  0.6 um CMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

DF92 Datasheet(HTML) 1 Page - ams AG

  DF92 Datasheet HTML 1Page - ams AG DF92 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF92 is a static, master-slave D flip-flop with 2x drive strength. SET is asynchronous
and active low.
Truth Table
D
C
Q
QN
SN
Capacitance
SN
D
C
Q
QN
Ci (pF)
HH
É
H
L
D
0.018
HL
É
L
H
C
0.020
HX
Ê no change
SN
0.025
LX
X
H
L
Area
Power
1.63 mils
2
5.74 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay C to Q
tpdcqr
2.13
3.47
4.11
2.33
3.69
4.32
tpdcqf
2.26
3.35
3.90
2.47
3.57
4.12
Delay C to QN
tpdcqnr
1.71
3.13
3.81
1.92
3.34
4.02
tpdcqnf
1.55
2.85
3.42
1.76
3.07
3.62
Delay SN to Q
tpdsnq
2.54
3.85
4.50
2.79
4.12
4.77
Delay SN to QN
tpdsnqn
1.99
3.29
3.84
2.24
3.53
4.10
Output Slope C to Q
op_slcqr
0.97
4.95
7.06
0.95
4.97
7.06
op_slcqf
0.77
3.62
5.21
0.78
3.63
5.11
Output Slope C to QN
op_slcqnr
1.08
5.03
7.17
1.06
5.01
7.16
op_slcqnf
1.00
3.93
5.17
0.97
3.91
5.08
Output Slope SN to Q
op_slsnq
1.02
5.06
7.07
1.02
5.06
7.10
Output Slope SN to QN
op_slsnqn
1.05
3.87
5.17
1.02
4.00
5.25
Sept. 1996
- 88 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
DF92
DF92


Similar Part No. - DF92

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DF927S6A TOKEN-DF927S6A Datasheet
524Kb / 19P
DF-B Dielectric Filters
More results

Similar Description - DF92

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C21164096 MOSEL-V62C21164096 Datasheet
183Kb / 10P
256K x 16, 0.20 um CMOS STATIC RAM
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
256K x 16, 0.17 um CMOS STATIC RAM
logo
ams AG
ON33 AMSCO-ON33 Datasheet
12Kb / 1P
0.35 UM CMOS
OB33 AMSCO-OB33 Datasheet
7Kb / 1P
OB33 is a 4.0 mA output pad cell, 0.6 um CMOS
DL82 AMSCO-DL82 Datasheet
12Kb / 2P
CUB - 0.6 um CMOS
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT Datasheet
789Kb / 22P
Radiation Tolerant 0.35 um CMOS
logo
ams AG
AO32 AMSCO-AO32 Datasheet
18Kb / 2P
CUB 0.6 關m CMOS
logo
List of Unclassifed Man...
GA32C3 ETC2-GA32C3 Datasheet
46Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Caliber Electronics Inc...
GA32C1 CALIBER-GA32C1 Datasheet
51Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Fronter Electronics Co....
FT21M07A FRONTER-FT21M07A Datasheet
122Kb / 1P
UM-1, UM-5 DIP TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com