Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB33 Datasheet (PDF) - ams AG

OB33 Datasheet PDF - ams AG
Part # OB33
Download  OB33 Download
File Size   7.37 Kbytes
Page   1 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description OB33 is a 4.0 mA output pad cell, 0.6 um CMOS

OB33 Datasheet (PDF)

Go To PDF Page Download Datasheet
OB33 Datasheet PDF - ams AG

Part # OB33
Download  OB33 Click to download

File Size   7.37 Kbytes
Page   1 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description OB33 is a 4.0 mA output pad cell, 0.6 um CMOS

OB33 Datasheet (HTML) - ams AG


OB33 Product details

OB33 is a 4.0 mA output pad cell.

Delay [ns] = tpd.. = f(SL, L) with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L) with L = Output Load [pF]

AC Characteristics : Tj = 25°C VDD = 3.3V Typical Process




Similar Part No. - OB33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
Cost Effective CCFL Controller -- Push Pull
OB3302CP ETC-OB3302CP Datasheet
201Kb / 1P
Cost Effective CCFL Controller -- Push Pull
OB3306 ETC-OB3306 Datasheet
146Kb / 1P
High Integrated LCD Monitor Backlight Inverter Controller
OB3306QP ETC-OB3306QP Datasheet
146Kb / 1P
High Integrated LCD Monitor Backlight Inverter Controller
logo
On-Bright Electronics C...
OB3330 ONBRIGHT-OB3330 Datasheet
669Kb / 10P
High Performance LED Lighting Driver
More results


Similar Description - OB33

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
ams AG
ON33 AMSCO-ON33 Datasheet
12Kb / 1P
0.35 UM CMOS
DF92 AMSCO-DF92 Datasheet
14Kb / 2P
0.6 um CMOS
DL82 AMSCO-DL82 Datasheet
12Kb / 2P
CUB - 0.6 um CMOS
logo
California Eastern Labs
PS9401-2 CEL-PS9401-2 Datasheet
1Mb / 9P
0.6 A OUTPUT CURRENT, HIGH CMR 16-PIN SSOP
logo
Analog Devices
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
Isolated Precision Gate Driver, 4.0 A Output
REV. 0
logo
PHOENIX CONTACT
2200155 PHOENIX-2200155 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
2200158 PHOENIX-2200158 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
logo
Bel Fuse Inc.
SRBL-C0A1A BEL-SRBL-C0A1A Datasheet
513Kb / 8P
Output Voltage Range 0.6-3.3 VDC / 100 A
SRPE-12E1A0 BEL-SRPE-12E1A0 Datasheet
696Kb / 13P
0.6 ??5.5 VDC / 12 A Output
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com