Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB33 Datasheet(PDF) 1 Page - ams AG

Part # OB33
Description  OB33 is a 4.0 mA output pad cell, 0.6 um CMOS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

OB33 Datasheet(HTML) 1 Page - ams AG

  OB33 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OB33 is a 4.0 mA output pad cell.
Truth Table
A
Q
PAD
4mA
Capacitance
A
Q
Ci (pF)
L
L
A
0.224
HH
Area
Power
71.61 mils
2
126.30 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 10.0
L = 70.0
L = 100.0
L = 10.0
L = 70.0
L = 100.0
Delay A to Q
tpdar
1.70
9.11
12.52
1.89
9.09
13.06
tpdaf
1.51
7.04
8.80
1.87
7.40
9.41
Output Slope A to Q
op_slar
4.02
27.75
39.35
4.13
27.52
37.90
op_slaf
2.83
18.47
25.48
2.83
19.87
26.90
Sept. 1996
- 305 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OB33
OB33


Similar Part No. - OB33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
Cost Effective CCFL Controller -- Push Pull
OB3302CP ETC-OB3302CP Datasheet
201Kb / 1P
Cost Effective CCFL Controller -- Push Pull
OB3306 ETC-OB3306 Datasheet
146Kb / 1P
High Integrated LCD Monitor Backlight Inverter Controller
OB3306QP ETC-OB3306QP Datasheet
146Kb / 1P
High Integrated LCD Monitor Backlight Inverter Controller
logo
On-Bright Electronics C...
OB3330 ONBRIGHT-OB3330 Datasheet
669Kb / 10P
High Performance LED Lighting Driver
More results

Similar Description - OB33

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
ams AG
ON33 AMSCO-ON33 Datasheet
12Kb / 1P
0.35 UM CMOS
DF92 AMSCO-DF92 Datasheet
14Kb / 2P
0.6 um CMOS
DL82 AMSCO-DL82 Datasheet
12Kb / 2P
CUB - 0.6 um CMOS
logo
California Eastern Labs
PS9401-2 CEL-PS9401-2 Datasheet
1Mb / 9P
0.6 A OUTPUT CURRENT, HIGH CMR 16-PIN SSOP
logo
Analog Devices
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
Isolated Precision Gate Driver, 4.0 A Output
REV. 0
logo
PHOENIX CONTACT
2200155 PHOENIX-2200155 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
2200158 PHOENIX-2200158 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
logo
Bel Fuse Inc.
SRBL-C0A1A BEL-SRBL-C0A1A Datasheet
513Kb / 8P
Output Voltage Range 0.6-3.3 VDC / 100 A
SRPE-12E1A0 BEL-SRPE-12E1A0 Datasheet
696Kb / 13P
0.6 ??5.5 VDC / 12 A Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com