Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R120181.5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R120181.5
Description  1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R120181.5 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R120181.5 Datasheet HTML 1Page - STMicroelectronics GS-R120181.5 Datasheet HTML 2Page - STMicroelectronics GS-R120181.5 Datasheet HTML 3Page - STMicroelectronics GS-R120181.5 Datasheet HTML 4Page - STMicroelectronics GS-R120181.5 Datasheet HTML 5Page - STMicroelectronics GS-R120181.5 Datasheet HTML 6Page - STMicroelectronics GS-R120181.5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
GS-R12P
June 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
FEATURE
■
MTBF 1 000 000 hours (Tamb=25)C)
■
1.5A max output current
■
16V max input voltage
■
1.5V max drop-out voltage
■
Remote logic inhibit/enable
■
Not-latching overload and short circuit
protection
■
Thermal shutdown
■
Fixed or adjustable output
■
No heatsink required
DESCRIPTION
The GS-R12P series is a family of high efficiency
step down switching voltage regulator, designed to
replace linear regulators.
Based on STM L5973 device, this non isolated family
of regulators are suitable for the full spectrum of ap-
plications including telecom, industry, computer and
distributed power system applications having a wide-
ly ranging input voltage.
Packing type: H = horizontal PTH
-------------------S = horizontal SMD
Packing type: V = vertical PTH
PRELIMINARY
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY


Similar Part No. - GS-R120181.5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R12F0002.0 STMICROELECTRONICS-GS-R12F0002.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F0182.0 STMICROELECTRONICS-GS-R12F0182.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F0252.0 STMICROELECTRONICS-GS-R12F0252.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
More results

Similar Description - GS-R120181.5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R400 STMICROELECTRONICS-GS-R400 Datasheet
115Kb / 5P
20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R4002 STMICROELECTRONICS-GS-R4002 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
STMicroelectronics
GS-R24P STMICROELECTRONICS-GS-R24P Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
Step-down Switching Regulator
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com