Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6025 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMM6025
Description  Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6025 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMM6025 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Freescale Semiconductor, Inc., 2004, 2005. All rights reserved.
Freescale Semiconductor
Advance Information
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Document Number: MMM6025
Rev. 5.1, 03/2005
MMM6025
Package Information
Case 1603-2
9.85
× 9.0 × 1.4 mm HDI
(Organic Multi-Chip Module)
Ordering Information
Device
Operating
Temp. Range
Package
MMM6025
–20
° to 70°C HDI Module
MMM6025R2
–20
° to 70°C HDI Module
Tape and Reel
1
Introduction
The MMM6025 is a 50
Ω Tx Power Amplifier
Front-End Module for quad- and tri-band GSM/GPRS
handset applications, functioning over the GSM850,
EGSM, DCS, and PCS transmit and receive frequency
bands. It is compatible with GSM/GPRS Class 12
operating modes. To simplify radio front-end design
requirements, power amplification, power coupling,
power detection, low pass filtering, and antenna
switching functions are integrated into the Power
Amplifier Front-End Module. Transmit/receive path and
enable functions are controlled through 0/2.8 V logic
inputs.
MMM6025
Quad-Band GSM/GPRS Power
Amplifier Front-End Module with
PA and Antenna Switch
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Functional Block Diagram . . . . . . . . . . . . . . . 2
3 Electrical Characteristics . . . . . . . . . . . . . . . 2
4 RF Specifications . . . . . . . . . . . . . . . . . . . . . . 4
5 Signal Descriptions . . . . . . . . . . . . . . . . . . . 11
6 Package Information . . . . . . . . . . . . . . . . . . 14
7 Product Documentation . . . . . . . . . . . . . . . . 16


Similar Part No. - MMM6025

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
Quad-Band GSM/GPRS PA Module with Integrated Power Control
More results

Similar Description - MMM6025

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
Quad-Band GSM/GPRS PA Module with Integrated Power Control
logo
Skyworks Solutions Inc.
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
iPAC??PA Module for Quad-Band GSM / GPRS
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
SKY77570-12 SKYWORKS-SKY77570-12 Datasheet
82Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM /GPRS / EDGE and TD-SCDMA with 6-Band Antenna Switch Support
SKY77573-12 SKYWORKS-SKY77573-12 Datasheet
81Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM/ GPRS/ EDGE with 4-Band Antenna Switch Support
SKY77573-21 SKYWORKS-SKY77573-21 Datasheet
84Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM/ GPRS/ EDGE with 4-Band Antenna Switch Support
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com