Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6025 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMM6025
Description  Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6025 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMM6025 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MMM6025 Advance Information, Rev. 5.1
2
Freescale Semiconductor
Functional Block Diagram
2
Functional Block Diagram
Figure 1 is a functional block diagram of the quad-band (GSM850, EGSM, DCS, and PCS) power
amplifier module.
Figure 1. Functional Block Diagram
3
Electrical Characteristics
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain Supply Voltages
Vdd
7.0
V
RF Input Power
Pin
11
dBm
Operating (Ambient) Temperature Range
TA
–20 to 70
°C
Storage Temperature
Tstg
–40 to 125
°C
Junction Temperature
TJ
125
°C
Note: Maximum Ratings and ESD
1. Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted
to the limits in the Electrical Characteristics or Recommended Operating Conditions tables.
2. ESD (electrostatic discharge) immunity meets Human Body Model (HBM)
≤ 150 V and Machine Model (MM) ≤ 50 V.
Additional ESD data available upon request.
BIAS CONTROL
MATCH
MATCH
MATCH
PRE-
DRIVER
DRIVER
FINAL
MATCH
MATCH
MATCH
PRE-
DRIVER
DRIVER
FINAL
VDET
VREF
POWER
DETECTION
EN_DET
VDDB_HB,
VDD1_HB
VDD3_HB
VDDB_LB,
VDD1_LB
VDD3_LB
TXIN_HB
TXIN_LB
ANTENNA
MMM6025
GSM/GPRS PA MODULE
850/900/1800/1900
VAPC
VREG_2.8
EN_TX
VDD2_HB
VDD2_LB
RX_CEL
RX_GSM
RX_PCS
RX_DCS
ANTENNA
CONTROL
EUB_US
LOWB_HIGH
EN_ANT_TX
SP6T
MATCH
Harmon ic
Filt e r
Coupler
MATCH
Coupler
BIAS CONTROL
MATCH
MATCH
MATCH
PRE-
DRIVER
DRIVER
FINAL
MATCH
MATCH
MATCH
PRE-
DRIVER
DRIVER
FINAL
VDET
VREF
POWER
DETECTION
EN_DET
VDET
VREF
POWER
DETECTION
EN_DET_PA
VDDB_HB,
VDD1_HB
VDD3_HB
VDDB_LB,
VDD1_LB
VDD3_LB
TXIN_HB
TXIN_LB
ANTENNA
ANTENNA
VAPC
VREG_2.8
VDD2_HB
VDD2_LB
RX_CEL
RX_GSM
RX_CEL
RX_CEL
RX_GSM
RX_GSM
RX_PCS
RX_DCS
ANTENNA
CONTROL
EUB_US
LOWB_HIGH
EN_ANT_TX
ANTENNA
CONTROL
EUB_US
LOWB_HIGH
EN_ANT_TX
SP6T
SP6T
MATCH
MATCH
MATCH
MATCH
Harmonic
Filt er



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com